Electronic Components Datasheet Search
  English  ▼

X  

AT91 Datasheet(PDF) 24 Page - ATMEL Corporation

Part # AT91
Description  ARM® Thumb® Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91 Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button AT91 Datasheet HTML 20Page - ATMEL Corporation AT91 Datasheet HTML 21Page - ATMEL Corporation AT91 Datasheet HTML 22Page - ATMEL Corporation AT91 Datasheet HTML 23Page - ATMEL Corporation AT91 Datasheet HTML 24Page - ATMEL Corporation AT91 Datasheet HTML 25Page - ATMEL Corporation AT91 Datasheet HTML 26Page - ATMEL Corporation AT91 Datasheet HTML 27Page - ATMEL Corporation AT91 Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 153 page
background image
24
AT91X40 Series
1354D–ATARM–08/02
Byte Write or Byte Select
Access
Each chip select with a 16-bit data bus can operate with one of two different types of
write access:
•
Byte Write Access supports two byte write and a single read signal.
•
Byte Select Access selects upper and/or lower byte with two byte select lines, and
separate read and write signals.
This option is controlled by the BAT field in the EBI_CSR (Chip Select Register) for the
corresponding chip select.
Byte Write Access is used to connect 2 x 8-bit devices as a 16-bit memory page.
•
The signal A0/NLB is not used.
•
The signal NWR1/NUB is used as NWR1 and enables upper byte writes.
•
The signal NWR0/NWE is used as NWR0 and enables lower byte writes.
•
The signal NRD/NOE is used as NRD and enables half-word and byte reads.
Figure 11 shows how to connect two 512K x 8-bit devices in parallel on NCS2.
Figure 11. Memory Connection for 2 x 8-bit Data Busses
EBI
D0 - D7
D8 - D15
A1 - A19
A0
NWR0
NRD
NCS2
D0 - D7
A0 - A18
Write Enable
Read Enable
Memory Enable
NWR1
D8 - D15
A0 - A18
Write Enable
Read Enable
Memory Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com