Electronic Components Datasheet Search
  English  ▼

X  

AT91 Datasheet(PDF) 75 Page - ATMEL Corporation

Part # AT91
Description  ARM® Thumb® Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91 Datasheet(HTML) 75 Page - ATMEL Corporation

Back Button AT91 Datasheet HTML 71Page - ATMEL Corporation AT91 Datasheet HTML 72Page - ATMEL Corporation AT91 Datasheet HTML 73Page - ATMEL Corporation AT91 Datasheet HTML 74Page - ATMEL Corporation AT91 Datasheet HTML 75Page - ATMEL Corporation AT91 Datasheet HTML 76Page - ATMEL Corporation AT91 Datasheet HTML 77Page - ATMEL Corporation AT91 Datasheet HTML 78Page - ATMEL Corporation AT91 Datasheet HTML 79Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 153 page
background image
75
AT91X40 Series
1354D–ATARM–08/02
Interrupts
Each parallel I/O can be programmed to generate an interrupt when a level change
occurs. This is controlled by the PIO_IER (Interrupt Enable) and PIO_IDR (Interrupt Dis-
able) registers which enable/disable the I/O interrupt by setting/clearing the
corresponding bit in the PIO_IMR. When a change in level occurs, the corresponding bit
in the PIO_ISR (Interrupt Status) is set whether the pin is used as a PIO or a peripheral
and whether it is defined as input or output. If the corresponding interrupt in PIO_IMR
(Interrupt Mask) is enabled, the PIO interrupt is asserted.
When PIO_ISR is read, the register is automatically cleared.
User Interface
Each individual I/O is associated with a bit position in the Parallel I/O user interface reg-
isters. Each of these registers are 32 bits wide. If a parallel I/O line is not defined, writing
to the corresponding bits has no effect. Undefined bits read zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com