Electronic Components Datasheet Search
  English  ▼

X  

AT91 Datasheet(PDF) 96 Page - ATMEL Corporation

Part # AT91
Description  ARM® Thumb® Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91 Datasheet(HTML) 96 Page - ATMEL Corporation

Back Button AT91 Datasheet HTML 92Page - ATMEL Corporation AT91 Datasheet HTML 93Page - ATMEL Corporation AT91 Datasheet HTML 94Page - ATMEL Corporation AT91 Datasheet HTML 95Page - ATMEL Corporation AT91 Datasheet HTML 96Page - ATMEL Corporation AT91 Datasheet HTML 97Page - ATMEL Corporation AT91 Datasheet HTML 98Page - ATMEL Corporation AT91 Datasheet HTML 99Page - ATMEL Corporation AT91 Datasheet HTML 100Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 153 page
background image
96
AT91X40 Series
1354D–ATARM–08/02
• VDSIZ: Volatile Data Memory Size
• ARCH: Chip Architecture (Code Label SF_ARCH)
Code of Architecture: Two BCD digits.
• NVPTYP: Non Volatile Program Memory Type
• EXT: Extension Flag (Code Label SF_EXT)
0 = Chip ID has a single register definition without extensions
1 = An extended Chip ID exists (to be defined in the future).
Chip ID Extension Register
Register Name:SF_EXID
Access Type:
Read Only
Reset Value:
Hardwired
Offset:0x04
This register is reserved for future use. It will be defined when needed.
VDSIZ
Size
Code Label
SF_VDSIZ
0
000
None
SF_VDSIZ_NONE
0
001
1K bytes
SF_VDSIZ_1K
0
010
2K bytes
SF_VDSIZ_2K
0
100
4K bytes
SF_VDSIZ_4K
1
000
8K bytes
SF_VDSIZ_8K
Others
Reserved
–
0100 0000
AT91x40yyy
Code Label
SF_ARCH_AT91x40
NVPTYP
Type
Code Label
SF_NVPTYP
0
0
0
Reserved
–
00
1
“F” Series
SF_NVPTYP_M
1
x
x
Reserved
–
10
0
“R” Series
SF_NVPTYP_R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com