Electronic Components Datasheet Search
  English  ▼

X  

AT91 Datasheet(PDF) 56 Page - ATMEL Corporation

Part # AT91
Description  ARM® Thumb® Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91 Datasheet(HTML) 56 Page - ATMEL Corporation

Back Button AT91 Datasheet HTML 52Page - ATMEL Corporation AT91 Datasheet HTML 53Page - ATMEL Corporation AT91 Datasheet HTML 54Page - ATMEL Corporation AT91 Datasheet HTML 55Page - ATMEL Corporation AT91 Datasheet HTML 56Page - ATMEL Corporation AT91 Datasheet HTML 57Page - ATMEL Corporation AT91 Datasheet HTML 58Page - ATMEL Corporation AT91 Datasheet HTML 59Page - ATMEL Corporation AT91 Datasheet HTML 60Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 153 page
background image
56
AT91X40 Series
1354D–ATARM–08/02
AIC: Advanced
Interrupt Controller
The AT91X40 Series has an 8-level priority, individually maskable, vectored interrupt
controller. This feature substantially reduces the software and real-time overhead in
handling internal and external interrupts.
The interrupt controller is connected to the NFIQ (fast interrupt request) and the NIRQ
(standard interrupt request) inputs of the ARM7TDMI processor. The processor’s NFIQ
line can only be asserted by the external fast interrupt request input: FIQ. The NIRQ line
can be asserted by the interrupts generated by the on-chip peripherals and the external
interrupt request lines: IRQ0 to IRQ2.
The 8-level priority encoder allows the customer to define the priority between the differ-
ent NIRQ interrupt sources.
Internal sources are programmed to be level sensitive or edge triggered. External
sources can be programmed to be positive or negative edge triggered or high- or low-
level sensitive.
The interrupt sources are listed in Table 8 and the AIC programmable registers in Table
9.
Figure 33. Interrupt Controller Block Diagram
Note:
After a hardware reset, the AIC pins are controlled by the PIO Controller. They must be configured to be controlled by the
peripheral before being used.
Control
Logic
Memorization
Memorization
Priority
Controller
NIRQ
Manager
NFIQ
Manager
FIQ Source
Advanced Peripheral
Bus (APB)
Internal Interrupt Sources
External Interrupt Sources
ARM7TDMI
Core
NFIQ
NIRQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com