Electronic Components Datasheet Search
  English  ▼

X  

AT91 Datasheet(PDF) 25 Page - ATMEL Corporation

Part # AT91
Description  ARM® Thumb® Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91 Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button AT91 Datasheet HTML 21Page - ATMEL Corporation AT91 Datasheet HTML 22Page - ATMEL Corporation AT91 Datasheet HTML 23Page - ATMEL Corporation AT91 Datasheet HTML 24Page - ATMEL Corporation AT91 Datasheet HTML 25Page - ATMEL Corporation AT91 Datasheet HTML 26Page - ATMEL Corporation AT91 Datasheet HTML 27Page - ATMEL Corporation AT91 Datasheet HTML 28Page - ATMEL Corporation AT91 Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 153 page
background image
25
AT91X40 Series
1354D–ATARM–08/02
Byte Select Access is used to connect 16-bit devices in a memory page.
•
The signal A0/NLB is used as NLB and enables the lower byte for both read and
write operations.
•
The signal NWR1/NUB is used as NUB and enables the upper byte for both read
and write operations.
•
The signal NWR0/NWE is used as NWE and enables writing for byte or half word.
•
The signal NRD/NOE is used as NOE and enables reading for byte or half word.
Figure 12 shows how to connect a 16-bit device with byte and half-word access (e.g. 16-
bit SRAM) on NCS2.
Figure 12. Connection for a 16-bit Data Bus with Byte and Half-word Access
Figure 13 shows how to connect a 16-bit device without byte access (e.g. Flash) on
NCS2.
Figure 13. Connection for a 16-bit Data Bus without Byte Write Capability.
EBI
D0 - D7
D8 - D15
A1 - A19
NLB
NWE
NOE
NCS2
D0 - D7
D8 - D15
A0 - A18
Low Byte Enable
Write Enable
Output Enable
Memory Enable
NUB
High Byte Enable
EBI
D0 - D7
D8 - D15
A1 - A19
NLB
NWE
NOE
NCS2
D0 - D7
D8 - D15
A0 - A18
Write Enable
Output Enable
Memory Enable
NUB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com