Electronic Components Datasheet Search
  English  ▼

X  

AT91 Datasheet(PDF) 99 Page - ATMEL Corporation

Part # AT91
Description  ARM® Thumb® Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91 Datasheet(HTML) 99 Page - ATMEL Corporation

Back Button AT91 Datasheet HTML 95Page - ATMEL Corporation AT91 Datasheet HTML 96Page - ATMEL Corporation AT91 Datasheet HTML 97Page - ATMEL Corporation AT91 Datasheet HTML 98Page - ATMEL Corporation AT91 Datasheet HTML 99Page - ATMEL Corporation AT91 Datasheet HTML 100Page - ATMEL Corporation AT91 Datasheet HTML 101Page - ATMEL Corporation AT91 Datasheet HTML 102Page - ATMEL Corporation AT91 Datasheet HTML 103Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 153 page
background image
99
AT91X40 Series
1354D–ATARM–08/02
USART: Universal
Synchronous/
Asynchronous
Receiver/
Transmitter
The AT91X40 Series provides two identical, full-duplex, universal synchronous/asyn-
chronous receiver/transmitters that interface to the APB and are connected to the
Peripheral Data Controller.
The main features are:
•
Programmable Baud Rate Generator
•
Parity, Framing and Overrun Error Detection
•
Line Break Generation and Detection
•
Automatic Echo, Local Loopback and Remote Loopback channel modes
•
Multi-drop Mode: Address Detection and Generation
•
Interrupt Generation
•
Two Dedicated Peripheral Data Controller channels
•
5-, 6-, 7-, 8- and 9-bit character length
Figure 36. USART Block Diagram
Pin Description
Each USART channel has the following external signals:
Notes:
1. After a hardware reset, the USART pins are not enabled by default (see “PIO: Parallel I/O Controller” on page 74). The user
must configure the PIO Controller before enabling the transmitter or receiver.
2. If the user selects one of the internal clocks, SCK can be configured as a PIO.
Peripheral Data Controller
Receiver
Channel
Transmitter
Channel
Control Logic
Interrupt Control
Baud Rate Generator
Receiver
Transmitter
AMBA
ASB
APB
USxIRQ
MCK
MCK/8
RXD
TXD
SCK
USART Channel
Baud Rate Clock
PIO:
Parallel
I/O
Controller
Name
Description
SCK
USART Serial clock can be configured as input or output:
SCK is configured as input if an External clock is selected (USCLKS[1] = 1)
SCK is driven as output if the External Clock is disabled (USCLKS[1] = 0) and Clock output is enabled (CLKO = 1)
TXD
Transmit Serial Data is an output
RXD
Receive Serial Data is an input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com