Electronic Components Datasheet Search
  English  ▼

X  

AT91 Datasheet(PDF) 102 Page - ATMEL Corporation

Part # AT91
Description  ARM® Thumb® Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91 Datasheet(HTML) 102 Page - ATMEL Corporation

Back Button AT91 Datasheet HTML 98Page - ATMEL Corporation AT91 Datasheet HTML 99Page - ATMEL Corporation AT91 Datasheet HTML 100Page - ATMEL Corporation AT91 Datasheet HTML 101Page - ATMEL Corporation AT91 Datasheet HTML 102Page - ATMEL Corporation AT91 Datasheet HTML 103Page - ATMEL Corporation AT91 Datasheet HTML 104Page - ATMEL Corporation AT91 Datasheet HTML 105Page - ATMEL Corporation AT91 Datasheet HTML 106Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 153 page
background image
102
AT91X40 Series
1354D–ATARM–08/02
Synchronous Receiver
When configured for synchronous operation (SYNC = 1), the receiver samples the RXD
signal on each rising edge of the Baud Rate clock. If a low level is detected, it is consid-
ered as a start. Data bits, parity bit and stop bit are sampled and the receiver waits for
the next start bit. See example in Figure 40.
Figure 40. Synchronous Mode: Character Reception
Receiver Ready
When a complete character is received, it is transferred to the US_RHR and the RXRDY
status bit in US_CSR is set. If US_RHR has not been read since the last transfer, the
OVRE status bit in US_CSR is set.
Parity Error
Each time a character is received, the receiver calculates the parity of the received data
bits, in accordance with the field PAR in US_MR. It then compares the result with the
received parity bit. If different, the parity error bit PARE in US_CSR is set.
Framing Error
If a character is received with a stop bit at low level and with at least one data bit at high
level, a framing error is generated. This sets FRAME in US_CSR.
Time-out
This function allows an idle condition on the RXD line to be detected. The maximum
delay for which the USART should wait for a new character to arrive while the RXD line
is inactive (high level) is programmed in US_RTOR (Receiver Time-out). When this reg-
ister is set to 0, no time-out is detected. Otherwise, the receiver waits for a first character
and then initializes a counter which is decremented at each bit period and reloaded at
each byte reception. When the counter reaches 0, the TIMEOUT bit in US_CSR is set.
The user can restart the wait for a first character with the STTTO (Start Time-out) bit in
US_CR.
Calculation of time-out duration:
D0
D1
D2
D3
D4
D5
D6
D7
RXD
True Start Detection
Sampling
Parity Bit
Stop Bit
Example: 8-bit, parity enabled 1 stop
SCK
Duration
= Value x
4
x
Bit period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com