Electronic Components Datasheet Search
  English  ▼

X  

AT91 Datasheet(PDF) 103 Page - ATMEL Corporation

Part # AT91
Description  ARM® Thumb® Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91 Datasheet(HTML) 103 Page - ATMEL Corporation

Back Button AT91 Datasheet HTML 99Page - ATMEL Corporation AT91 Datasheet HTML 100Page - ATMEL Corporation AT91 Datasheet HTML 101Page - ATMEL Corporation AT91 Datasheet HTML 102Page - ATMEL Corporation AT91 Datasheet HTML 103Page - ATMEL Corporation AT91 Datasheet HTML 104Page - ATMEL Corporation AT91 Datasheet HTML 105Page - ATMEL Corporation AT91 Datasheet HTML 106Page - ATMEL Corporation AT91 Datasheet HTML 107Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 153 page
background image
103
AT91X40 Series
1354D–ATARM–08/02
Transmitter
The transmitter has the same behavior in both synchronous and asynchronous operat-
ing modes. Start bit, data bits, parity bit and stop bits are serially shifted, lowest
significant bit first, on the falling edge of the serial clock. See example in Figure 41.
The number of data bits is selected in the CHRL field in US_MR.
The parity bit is set according to the PAR field in US_MR.
The number of stop bits is selected in the NBSTOP field in US_MR.
When a character is written to US_THR (Transmit Holding), it is transferred to the Shift
Register as soon as it is empty. When the transfer occurs, the TXRDY bit in US_CSR is
set until a new character is written to US_THR. If Transmit Shift Register and US_THR
are both empty, the TXEMPTY bit in US_CSR is set.
Time-guard
The Time-guard function allows the transmitter to insert an idle state on the TXD line
between two characters. The duration of the idle state is programmed in US_TTGR
(Transmitter Time-guard). When this register is set to zero, no time-guard is generated.
Otherwise, the transmitter holds a high level on TXD after each transmitted byte during
the number of bit periods programmed in US_TTGR
Multi-drop Mode
When the field PAR in US_MR equals 11X (binary value), the USART is configured to
run in Multi-drop Mode. In this case, the parity error bit PARE in US_CSR is set when
data is detected with a parity bit set to identify an address byte. PARE is cleared with the
Reset Status Bits Command (RSTSTA) in US_CR. If the parity bit is detected low, iden-
tifying a data byte, PARE is not set.
The transmitter sends an address byte (parity bit set) when a Send Address Command
(SENDA) is written to US_CR. In this case, the next byte written to US_THR will be
transmitted as an address. After this any byte transmitted will have the parity bit cleared.
Figure 41. Synchronous and Asynchronous Modes: Character Transmission
Idle state duration
between two characters
=
Time-guard
Value
x
Bit
Period
D0
D1
D2
D3
D4
D5
D6
D7
TXD
Start
Bit
Parity
Bit
Stop
Bit
Example: 8-bit, parity enabled 1 stop
Baud Rate
Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com