Electronic Components Datasheet Search
  English  ▼

X  

AT91 Datasheet(PDF) 78 Page - ATMEL Corporation

Part # AT91
Description  ARM® Thumb® Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91 Datasheet(HTML) 78 Page - ATMEL Corporation

Back Button AT91 Datasheet HTML 74Page - ATMEL Corporation AT91 Datasheet HTML 75Page - ATMEL Corporation AT91 Datasheet HTML 76Page - ATMEL Corporation AT91 Datasheet HTML 77Page - ATMEL Corporation AT91 Datasheet HTML 78Page - ATMEL Corporation AT91 Datasheet HTML 79Page - ATMEL Corporation AT91 Datasheet HTML 80Page - ATMEL Corporation AT91 Datasheet HTML 81Page - ATMEL Corporation AT91 Datasheet HTML 82Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 153 page
background image
78
AT91X40 Series
1354D–ATARM–08/02
PIO User Interface
PIO Base Address:
0xFFFF0000 (Code Label PIO_BASE)
Notes:
1. The reset value of this register depends on the level of the external pins at reset.
2. This register is cleared at reset. However, the first read of the register can give a value not equal to zero if any changes have
occurred on any pins between the reset and the read.
3. This register exists in the AT91R40008 but its value has no meaning, since the filters are not implemented.
Table 11. PIO Controller Memory Map
Offset
Register
Name
Access
Reset State
0x00
PIO Enable Register
PIO_PER
Write Only
–
0x04
PIO Disable Register
PIO_PDR
Write Only
–
0x08
PIO Status Register
PIO_PSR
Read Only
0x01FFFFFF
(see also Table
10)
0x0C
Reserved
–
–
–
0x10
Output Enable Register
PIO_OER
Write Only
–
0x14
Output Disable Register
PIO_ODR
Write Only
–
0x18
Output Status Register
PIO_OSR
Read Only
0
0x1C
Reserved
–
–
–
0x20
Input Filter Enable Register
PIO_IFER
Write Only
–
0x24
Input Filter Disable Register
PIO_IFDR
Write Only
–
0x28
Input Filter Status Register(3)
PIO_IFSR
Read Only
0
0x2C
Reserved
–
–
–
0x30
Set Output Data Register
PIO_SODR
Write Only
–
0x34
Clear Output Data Register
PIO_CODR
Write Only
–
0x38
Output Data Status Register
PIO_ODSR
Read Only
0
0x3C
Pin Data Status Register
PIO_PDSR
Read Only
(see Note 1)
0x40
Interrupt Enable Register
PIO_IER
Write Only
–
0x44
Interrupt Disable Register
PIO_IDR
Write Only
–
0x48
Interrupt Mask Register
PIO_IMR
Read Only
0
0x4C
Interrupt Status Register
PIO_ISR
Read Only
(see Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com