Electronic Components Datasheet Search
  English  ▼

X  

AT91 Datasheet(PDF) 46 Page - ATMEL Corporation

Part # AT91
Description  ARM® Thumb® Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91 Datasheet(HTML) 46 Page - ATMEL Corporation

Back Button AT91 Datasheet HTML 42Page - ATMEL Corporation AT91 Datasheet HTML 43Page - ATMEL Corporation AT91 Datasheet HTML 44Page - ATMEL Corporation AT91 Datasheet HTML 45Page - ATMEL Corporation AT91 Datasheet HTML 46Page - ATMEL Corporation AT91 Datasheet HTML 47Page - ATMEL Corporation AT91 Datasheet HTML 48Page - ATMEL Corporation AT91 Datasheet HTML 49Page - ATMEL Corporation AT91 Datasheet HTML 50Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 153 page
background image
46
AT91X40 Series
1354D–ATARM–08/02
EBI Chip Select Register
Register Name: EBI_CSR0 - EBI_CSR7
Access Type:
Read/Write
Reset Value:
See Table 6
Absolute Address:0xFFE00000 - 0xFFE0001C
Offset:
0x00 - 0x1C
• DBW: Data Bus Width
• NWS: Number of Wait States
This field is valid only if WSE is set.
• WSE: Wait State Enable (Code Label EBI_WSE)
0 = Wait state generation is disabled. No wait states are inserted.
1 = Wait state generation is enabled.
31
30
29
28
27
26
25
24
BA
23
22
21
20
19
18
17
16
BA
–
–
–
–
15
14
13
12
11
10
9
8
––
CSEN
BAT
TDF
PAGES
76
54
32
10
PAGES
–
WSE
NWS
DBW
DBW
Data Bus Width
Code Label
EBI_DBW
0
0
Reserved
–
0
1
16-bit data bus width
EBI_DBW_16
1
0
8-bit data bus width
EBI_DBW_8
11
Reserved
–
NWS
Number of Standard Wait States
Code Label
EBI_NWS
000
1
EBI_NWS_1
001
2
EBI_NWS_2
010
3
EBI_NWS_3
011
4
EBI_NWS_4
100
5
EBI_NWS_5
101
6
EBI_NWS_6
110
7
EBI_NWS_7
111
8
EBI_NWS_8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com