Electronic Components Datasheet Search
  English  ▼

X  

AT91 Datasheet(PDF) 89 Page - ATMEL Corporation

Part # AT91
Description  ARM® Thumb® Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91 Datasheet(HTML) 89 Page - ATMEL Corporation

Back Button AT91 Datasheet HTML 85Page - ATMEL Corporation AT91 Datasheet HTML 86Page - ATMEL Corporation AT91 Datasheet HTML 87Page - ATMEL Corporation AT91 Datasheet HTML 88Page - ATMEL Corporation AT91 Datasheet HTML 89Page - ATMEL Corporation AT91 Datasheet HTML 90Page - ATMEL Corporation AT91 Datasheet HTML 91Page - ATMEL Corporation AT91 Datasheet HTML 92Page - ATMEL Corporation AT91 Datasheet HTML 93Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 153 page
background image
89
AT91X40 Series
1354D–ATARM–08/02
WD: Watchdog Timer The AT91X40 Series has an internal watchdog timer which can be used to prevent sys-
tem lock-up if the software becomes trapped in a deadlock. In normal operation the user
reloads the watchdog at regular intervals before the timer overflow occurs. If an overflow
does occur, the watchdog timer generates one or a combination of the following signals,
depending on the parameters in WD_OMR (Overflow Mode Register):
•
If RSTEN is set, an internal reset is generated (WD_RESET as shown in Figure 35).
•
If IRQEN is set, a pulse is generated on the signal WDIRQ which is connected to the
Advanced Interrupt Controller
•
If EXTEN is set, a low level is driven on the NWDOVF signal for a duration of 8 MCK
cycles.
The watchdog timer has a 16-bit down counter. Bits 12-15 of the value loaded when the
watchdog is restarted are programmable using the HPVC parameter in WD_CMR
(Clock Mode). Four clock sources are available to the watchdog counter: MCK/8,
MCK/32, MCK/128 or MCK/1024. The selection is made using the WDCLKS parameter
in WD_CMR. This provides a programmable time-out period of 1 ms to 2 sec. with a 33
MHz system clock.
All write accesses are protected by control access keys to help prevent corruption of the
watchdog should an error condition occur. To update the contents of the mode and con-
trol registers it is necessary to write the correct bit pattern to the control access key bits
at the same time as the control bits are written (the same write access).
Figure 35. Watchdog Timer Block Diagram
Advanced
Peripheral
Bus (APB)
WD_RESET
WDIRQ
MCKI/8
MCKI/32
MCKI/128
MCKI/1024
Control Logic
Clock Select
16-bit
Programmable
Down Counter
CLK_CNT
Clear
Overflow
NWDOVF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com