Electronic Components Datasheet Search
  English  ▼

X  

AT91 Datasheet(PDF) 73 Page - ATMEL Corporation

Part # AT91
Description  ARM® Thumb® Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91 Datasheet(HTML) 73 Page - ATMEL Corporation

Back Button AT91 Datasheet HTML 69Page - ATMEL Corporation AT91 Datasheet HTML 70Page - ATMEL Corporation AT91 Datasheet HTML 71Page - ATMEL Corporation AT91 Datasheet HTML 72Page - ATMEL Corporation AT91 Datasheet HTML 73Page - ATMEL Corporation AT91 Datasheet HTML 74Page - ATMEL Corporation AT91 Datasheet HTML 75Page - ATMEL Corporation AT91 Datasheet HTML 76Page - ATMEL Corporation AT91 Datasheet HTML 77Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 153 page
background image
73
AT91X40 Series
1354D–ATARM–08/02
Fast Interrupt Sequence
It is assumed that:
•
The Advanced Interrupt Controller has been programmed, AIC_SVR[0] is loaded
with fast interrupt service routine address and the fast interrupt is enabled.
•
The Instruction at address 0x1C(FIQ exception vector address) is:
•
ldr pc, [pc, # - &F20].
•
Nested Fast Interrupts are not needed by the user.
When NFIQ is asserted, if the bit F of CPSR is 0, the sequence is:
1.
The CPSR is stored in SPSR_fiq, the current value of the Program Counter is
loaded in the FIQ link register (r14_fiq) and the Program Counter (r15) is loaded
with 0x1C. In the following cycle, during fetch at address 0x20, the ARM core
adjusts r14_fiq, decrementing it by 4.
2.
The ARM core enters FIQ Mode.
3.
When the instruction loaded at address 0x1C is executed, the Program Counter
is loaded with the value read in AIC_FVR. Reading the AIC_FVR has effect of
automatically clearing the fast interrupt (source 0 connected to the FIQ line), if it
has been programmed to be edge triggered. In this case only, it de-asserts the
NFIQ line on the processor.
4.
The previous step has effect to branch to the corresponding interrupt service
routine. It is not necessary to save the Link Register(r14_fiq) and the
SPSR(SPSR_fiq) if nested fast interrupts are not needed.
5.
The Interrupt Handler can then proceed as required. It is not necessary to save
registers r8 to r13 because FIQ Mode has its own dedicated registers and the
user r8 to r13 are banked. The other registers, r0 to r7, must be saved before
being used, and restored at the end (before the next step). Note that if the fast
interrupt is programmed to be level sensitive, the source of the interrupt must be
cleared during this phase in order to de-assert the NFIQ line.
6.
Finally, the Link Register (r14_fiq) is restored into the PC after decrementing it by
4 (with instruction sub pc, lr, #4 for example). This has effect of returning from the
interrupt to whatever was being executed before, and of loading the CPSR with
the SPSR, masking or unmasking the fast interrupt depending on the state saved
in the SPSR.
Note:
The F bit in the SPSR is significant. If it is set, it indicates that the ARM core was just
about to mask FIQ interrupts when the mask instruction was interrupted. Hence when
the SPSR is restored, the interrupted instruction is completed (FIQ is masked).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com