Electronic Components Datasheet Search
  English  ▼

X  

AT91 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT91
Description  ARM® Thumb® Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT91 Datasheet HTML 10Page - ATMEL Corporation AT91 Datasheet HTML 11Page - ATMEL Corporation AT91 Datasheet HTML 12Page - ATMEL Corporation AT91 Datasheet HTML 13Page - ATMEL Corporation AT91 Datasheet HTML 14Page - ATMEL Corporation AT91 Datasheet HTML 15Page - ATMEL Corporation AT91 Datasheet HTML 16Page - ATMEL Corporation AT91 Datasheet HTML 17Page - ATMEL Corporation AT91 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 153 page
background image
14
AT91X40 Series
1354D–ATARM–08/02
User Peripherals
USART: Universal
Synchronous/
Asynchronous Receiver
Transmitter
The AT91X40 Series provides two identical, full-duplex, universal synchronous/asyn-
chronous receiver/transmitters.
Each USART has its own baud rate generator, and two dedicated Peripheral Data Con-
troller channels. The data format includes a start bit, up to 8 data bits, an optional
programmable parity bit and up to 2 stop bits.
The USART also features a Receiver Timeout register, facilitating variable length Frame
support when it is working with the PDC, and a Time Guard register, used when interfac-
ing with slow remote equipment.
TC: Timer Counter
The AT91X40 Series features a Timer Counter block that includes three identical 16-bit
timer counter channels. Each channel can be independently programmed to perform a
wide range of functions, including frequency measurement, event counting, interval
measurement, pulse generation, delay timing and pulse-width modulation.
The Timer Counter can be used in Capture or Waveform Mode, and all three counter
channels can be started simultaneously and chained together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com