Electronic Components Datasheet Search
  English  ▼

X  

AT91 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT91
Description  ARM® Thumb® Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT91 Datasheet HTML 14Page - ATMEL Corporation AT91 Datasheet HTML 15Page - ATMEL Corporation AT91 Datasheet HTML 16Page - ATMEL Corporation AT91 Datasheet HTML 17Page - ATMEL Corporation AT91 Datasheet HTML 18Page - ATMEL Corporation AT91 Datasheet HTML 19Page - ATMEL Corporation AT91 Datasheet HTML 20Page - ATMEL Corporation AT91 Datasheet HTML 21Page - ATMEL Corporation AT91 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 153 page
background image
18
AT91X40 Series
1354D–ATARM–08/02
EBI: External Bus
Interface
The EBI generates the signals that control the access to the external memory or periph-
eral devices. The EBI is fully-programmable and can address up to 64M bytes. It has
eight chip selects and a 24-bit address bus, the upper four bits of which are multiplexed
with a chip select.
The 16-bit data bus can be configured to interface with 8- or 16-bit external devices.
Separate read and write control signals allow for direct memory and peripheral
interfacing.
The EBI supports different access protocols allowing single-clock cycle memory
accesses.
The main features are:
•
External memory mapping
•
Up to 8 chip select lines
•
8- or 16-bit data bus
•
Byte write or byte select lines
•
Remap of boot memory
•
Two different read protocols
•
Programmable wait state generation
•
External wait request
•
Programmable data float time
The “EBI User Interface” is described on page 45.
External Memory
Mapping
The memory map associates the internal 32-bit address space with the external 24-bit
address bus.
The memory map is defined by programming the base address and page size of the
external memories (see “EBI User Interface” registers EBI_CSR0 to EBI_CSR7). Note
that A0 - A23 is only significant for 8-bit memory; A1 - A23 is used for 16-bit memory.
If the physical memory device is smaller than the programmed page size, it wraps
around and appears to be repeated within the page. The EBI correctly handles any valid
access to the memory device within the page (see Figure 6).
In the event of an access request to an address outside any programmed page, an
Abort signal is generated. Two types of Abort are possible: instruction prefetch abort
and data abort. The corresponding exception vector addresses are respectively
0x0000000C and 0x00000010. It is up to the system programmer to program the error
handling routine to use in case of an Abort (see the ARM7TDMI datasheet for further
information).
If two chip selects are defined as having the same base address, an access to the over-
lapping address space asserts both NCS lines. The Chip Select Register with the
smaller number defines the characteristics of the external access and the behavior of
the control signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com