Electronic Components Datasheet Search
  English  ▼

X  

AT91 Datasheet(PDF) 30 Page - ATMEL Corporation

Part # AT91
Description  ARM® Thumb® Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91 Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button AT91 Datasheet HTML 26Page - ATMEL Corporation AT91 Datasheet HTML 27Page - ATMEL Corporation AT91 Datasheet HTML 28Page - ATMEL Corporation AT91 Datasheet HTML 29Page - ATMEL Corporation AT91 Datasheet HTML 30Page - ATMEL Corporation AT91 Datasheet HTML 31Page - ATMEL Corporation AT91 Datasheet HTML 32Page - ATMEL Corporation AT91 Datasheet HTML 33Page - ATMEL Corporation AT91 Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 153 page
background image
30
AT91X40 Series
1354D–ATARM–08/02
Figure 18. One Wait State Access
Notes:
1. Early Read Protocol
2. Standard Read Protocol
Data Float Wait State
Some memory devices are slow to release the external bus. For such devices it is nec-
essary to add wait states (data float waits) after a read access before starting a write
access or a read access to a different external memory.
The Data Float Output Time (tDF) for each external memory device is programmed in the
TDF field of the EBI_CSR register for the corresponding chip select. The value (0 - 7
clock cycles) indicates the number of data float waits to be inserted and represents the
time allowed for the data output to go high impedance after the memory is disabled.
Data float wait states do not delay internal memory accesses. Hence, a single access to
an external memory with long tDF will not slow down the execution of a program from
internal memory.
The EBI keeps track of the programmed external data float time during internal
accesses, to ensure that the external memory system is not accessed while it is still
busy.
Internal memory accesses and consecutive accesses to the same external memory do
not have added Data Float wait states.
ADDR
NCS
NWE
MCK
1 Wait State Access
NRD
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com