Electronic Components Datasheet Search
  English  ▼

X  

AT91 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT91
Description  ARM® Thumb® Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT91 Datasheet HTML 4Page - ATMEL Corporation AT91 Datasheet HTML 5Page - ATMEL Corporation AT91 Datasheet HTML 6Page - ATMEL Corporation AT91 Datasheet HTML 7Page - ATMEL Corporation AT91 Datasheet HTML 8Page - ATMEL Corporation AT91 Datasheet HTML 9Page - ATMEL Corporation AT91 Datasheet HTML 10Page - ATMEL Corporation AT91 Datasheet HTML 11Page - ATMEL Corporation AT91 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 153 page
background image
8
AT91X40 Series
1354D–ATARM–08/02
Product Overview
Power Supply
The AT91x40 Series Microcontrollers have two types of power supply pins - VDDIO and
VDDCORE. However, the AT91M40800, the AT91M40807 and the AT91R40807 have
single-supply VDD, VDDIO and VDDCORE pins that have to be tied to the same volt-
age. For further details on power supplies and acceptable voltage range on VDD,
VDDIO and VDDCORE, refer to the product Summary Datasheet or the product Electri-
cal Characteristics datasheet.
Input/Output
Considerations
The AT91M40807, the AT91R40807 and the AT91R40008 accept voltage levels up to
their power supply limit on the pads.
The AT91M40800 Microcontroller I/O pads are 5V-tolerant, enabling it to interface with
external 5V devices without any additional components. 5V-tolerant means that the
AT91M40800 accepts 5V (3V) on the inputs even if it is powered at 3V (2V). Refer to the
AT91M40800 Electrical Characteristics datasheet for further details.
After the reset, the peripheral I/Os are initialized as inputs to provide the user with maxi-
mum flexibility. It is recommended that in any application phase, the inputs to the
AT91X40 Series Microcontroller be held at valid logic levels to minimize the power
consumption.
Master Clock
The AT91X40 Series Microcontrollers have a fully static design and work on the Master
Clock (MCK), provided on the MCKI pin from an external source.
The Master Clock is also provided as an output of the device on the pin MCKO, which is
multiplexed with a general-purpose I/O line. While NRST is active, the MCKO stays low.
After the reset, the MCKO is valid and outputs an image of the MCK signal. The PIO
Controller must be programmed to use this pin as standard I/O line.
Reset
Reset restores the default states of the user interface registers (defined in the user inter-
face of each peripheral), and forces the ARM7TDMI to perform the next instruction fetch
from address zero. Except for the program counter the ARM7TDMI registers do not
have defined reset states.
NRST Pin
NRST is active low-level input. It is asserted asynchronously, but exit from reset is syn-
chronized internally to the MCK. The signal presented on MCK must be active within the
specification for a minimum of 10 clock cycles up to the rising edge of NRST, to ensure
correct operation. The first processor fetch occurs 80 clock cycles after the rising edge
of NRST.
Watchdog Reset
The watchdog can be programmed to generate an internal reset. In this case, the reset
has the same effect as the NRST pin assertion, but the pins BMS and NTRI are not
sampled. Boot Mode and Tri-state Mode are not updated. If the NRST pin is asserted
and the watchdog triggers the internal reset, the NRST pin has priority.
Emulation Function
Tri-state Mode
The AT91X40 Series provides a tri-state mode, which is used for debug purposes. This
enables the connection of an emulator probe to an application board without having to
desolder the device from the target board. In tri-state mode, all the output pin drivers of
the AT91X40 Series Microcontroller are disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com