Electronic Components Datasheet Search
  English  ▼

X  

AT91 Datasheet(PDF) 104 Page - ATMEL Corporation

Part # AT91
Description  ARM® Thumb® Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91 Datasheet(HTML) 104 Page - ATMEL Corporation

Back Button AT91 Datasheet HTML 100Page - ATMEL Corporation AT91 Datasheet HTML 101Page - ATMEL Corporation AT91 Datasheet HTML 102Page - ATMEL Corporation AT91 Datasheet HTML 103Page - ATMEL Corporation AT91 Datasheet HTML 104Page - ATMEL Corporation AT91 Datasheet HTML 105Page - ATMEL Corporation AT91 Datasheet HTML 106Page - ATMEL Corporation AT91 Datasheet HTML 107Page - ATMEL Corporation AT91 Datasheet HTML 108Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 153 page
background image
104
AT91X40 Series
1354D–ATARM–08/02
Break
A break condition is a low signal level which has a duration of at least one character
(including start/stop bits and parity).
Transmit Break
The transmitter generates a break condition on the TXD line when STTBRK is set in
US_CR (Control Register). In this case, the character present in the Transmit Shift Reg-
ister is completed before the line is held low.
To cancel a break condition on the TXD line, the STPBRK command in US_CR must be
set. The USART completes a minimum break duration of one character length. The TXD
line then returns to high level (idle state) for at least 12 bit periods to ensure that the end
of break is correctly detected. Then the transmitter resumes normal operation.
The BREAK is managed like a character:
•
The STTBRK and the STPBRK commands are performed only if the transmitter is
ready (bit TXRDY = 1 in US_CSR)
•
The STTBRK command blocks the transmitter holding register (bit TXRDY is
cleared in US_CSR) until the break has started
•
A break is started when the Shift Register is empty (any previous character is fully
transmitted). TXEMPTY is cleared in US_CSR. The break blocks the transmitter
shift register until it is completed (high level for at least 12-bit periods after the
STPBRK command is requested)
In order to avoid unpredictable states:
•
STTBRK and STPBRK commands must not be requested at the same time
•
Once an STTBRK command is requested, further STTBRK commands are ignored
until the BREAK is ended (high level for at least 12-bit periods)
•
All STPBRK commands requested without a previous STTBRK command are
ignored
•
A byte written into the Transmit Holding Register while a break is pending but not
started (US_CSR.TXRDY = 0) is ignored
•It is
not permitted to write new data in the Transmit Holding Register while a break is
in progress (STPBRK has not been requested), even though TXRDY = 1 in
US_CSR.
•
A new STTBRK command
must not be issued until an existing break has ended
(TXEMPTY = 1 in US_CSR)
The standard break transmission sequence is:
1.
Wait for the transmitter ready
(US_CSR.TXRDY = 1)
2.
Send the STTBRK command
(write 0x0200 to US_CR)
3.
Wait for the transmitter ready
(TXRDY = 1 in US_CSR)
4.
Send the STPBRK command
(write 0x0400 to US_CR)
The next byte can then be sent:
5.
Wait for the transmitter ready
(TXRDY = 1 in US_CSR)
6.
Send the next byte
(write byte to US_THR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com