Electronic Components Datasheet Search
  English  ▼

X  

AT91 Datasheet(PDF) 110 Page - ATMEL Corporation

Part # AT91
Description  ARM® Thumb® Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91 Datasheet(HTML) 110 Page - ATMEL Corporation

Back Button AT91 Datasheet HTML 106Page - ATMEL Corporation AT91 Datasheet HTML 107Page - ATMEL Corporation AT91 Datasheet HTML 108Page - ATMEL Corporation AT91 Datasheet HTML 109Page - ATMEL Corporation AT91 Datasheet HTML 110Page - ATMEL Corporation AT91 Datasheet HTML 111Page - ATMEL Corporation AT91 Datasheet HTML 112Page - ATMEL Corporation AT91 Datasheet HTML 113Page - ATMEL Corporation AT91 Datasheet HTML 114Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 153 page
background image
110
AT91X40 Series
1354D–ATARM–08/02
USART Mode Register
Name:US_MR
Access Type:Read/Write
Reset Value:0
Offset:
0x04
•
USCLKS: Clock Selection (Baud Rate Generator Input Clock)
•
CHRL: Character Length
Start, stop and parity bits are added to the character length.
• SYNC: Synchronous Mode Select (Code Label US_SYNC)
0 = USART operates in Asynchronous Mode.
1 = USART operates in Synchronous Mode.
31
30
29
28
27
26
25
24
––
–––
––
–
23
22
21
20
19
18
17
16
––
–––
CLKO
MODE9
–
15
14
13
12
11
10
9
8
CHMODE
NBSTOP
PAR
SYNC
76
54
32
10
CHRL
USCLKS
––
––
USCLKS
Selected Clock
Code Label
US_CLKS
00
MCK
US_CLKS_MCK
01
MCK/8
US_CLKS_MCK8
1
X
External (SCK)
US_CLKS_SCK
CHRL
Character Length
Code Label
US_CHRL
0
0
Five bits
US_CHRL_5
01
Six bits
US_CHRL_6
1
0
Seven bits
US_CHRL_7
1
1
Eight bits
US_CHRL_8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com