Electronic Components Datasheet Search
  English  ▼

X  

AT91 Datasheet(PDF) 143 Page - ATMEL Corporation

Part # AT91
Description  ARM® Thumb® Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91 Datasheet(HTML) 143 Page - ATMEL Corporation

Back Button AT91 Datasheet HTML 139Page - ATMEL Corporation AT91 Datasheet HTML 140Page - ATMEL Corporation AT91 Datasheet HTML 141Page - ATMEL Corporation AT91 Datasheet HTML 142Page - ATMEL Corporation AT91 Datasheet HTML 143Page - ATMEL Corporation AT91 Datasheet HTML 144Page - ATMEL Corporation AT91 Datasheet HTML 145Page - ATMEL Corporation AT91 Datasheet HTML 146Page - ATMEL Corporation AT91 Datasheet HTML 147Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 153 page
background image
143
AT91X40 Series
1354D–ATARM–08/02
TC Status Register
Register Name:TC_SR
Access Type:
Read Only
Reset Value:0
Offset:
0x20
• COVFS: Counter Overflow Status (Code Label TC_COVFS)
0 = No counter overflow has occurred since the last read of the Status Register.
1 = A counter overflow has occurred since the last read of the Status Register.
• LOVRS: Load Overrun Status (Code Label TC_LOVRS)
0 = Load overrun has not occurred since the last read of the Status Register or WAVE = 1.
1 = RA or RB have been loaded at least twice without any read of the corresponding register since the last read of the Sta-
tus Register, if WAVE = 0.
• CPAS: RA Compare Status (Code Label TC_CPAS)
0 = RA Compare has not occurred since the last read of the Status Register or WAVE = 0.
1 = RA Compare has occurred since the last read of the Status Register, if WAVE = 1.
• CPBS: RB Compare Status (Code Label TC_CPBS)
0 = RB Compare has not occurred since the last read of the Status Register or WAVE = 0.
1 = RB Compare has occurred since the last read of the Status Register, if WAVE = 1.
• CPCS: RC Compare Status (Code Label TC_CPCS)
0 = RC Compare has not occurred since the last read of the Status Register.
1 = RC Compare has occurred since the last read of the Status Register.
• LDRAS: RA Loading Status (Code Label TC_LDRAS)
0 = RA Load has not occurred since the last read of the Status Register or WAVE = 1.
1 = RA Load has occurred since the last read of the Status Register, if WAVE = 0.
• LDRBS: RB Loading Status (Code Label TC_LDRBS)
0 = RB Load has not occurred since the last read of the Status Register or WAVE = 1.
1 = RB Load has occurred since the last read of the Status Register, if WAVE = 0.
• ETRGS: External Trigger Status (Code Label TC_ETRGS)
0 = External trigger has not occurred since the last read of the Status Register.
1 = External trigger has occurred since the last read of the Status Register.
• CLKSTA: Clock Enabling Status (Code Label TC_CLKSTA)
0 = Clock is disabled.
1 = Clock is enabled.
31
30
29
28
27
26
25
24
––
–––
––
–
23
22
21
20
19
18
17
16
––
–––
MTIOB
MTIOA
CLKSTA
15
14
13
12
11
10
9
8
––
–––
––
–
76
54
32
10
ETRGS
LDRBS
LDRAS
CPCS
CPBS
CPAS
LOVRS
COVFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com