Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 147 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 147 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 143Page - NXP Semiconductors CLRC663 Datasheet HTML 144Page - NXP Semiconductors CLRC663 Datasheet HTML 145Page - NXP Semiconductors CLRC663 Datasheet HTML 146Page - NXP Semiconductors CLRC663 Datasheet HTML 147Page - NXP Semiconductors CLRC663 Datasheet HTML 148Page - NXP Semiconductors CLRC663 Datasheet HTML 149Page - NXP Semiconductors CLRC663 Datasheet HTML 150Page - NXP Semiconductors CLRC663 Datasheet HTML 151Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Value for register
Value (hex)
TxBitMod
80
RFU
00
TxDataCon
44
TxDataMod
00
TxSymFreq
44
TxSym0H
08
TxSym0L
22
TxSym1H
08
TxSym1L
28
TxSym2
8A
TxSym3
02
TxSym10Len
BB
TxSym32Len
37
TxSym10BurstCtrl
00
TxSym10Mod
00
TxSym32Mod
00
RxBitMod
08
RxEofSym
0B
RxSyncValH
00
RxSyncValL
00
RxSyncMod
08
RxMod
04
RxCorr
50
FabCal
F0
Table 272. EPC/UID - SSC -26, (Protocol Number 13)
Value for register
Value (hex)
TxBitMod
80
RFU
00
TxDataCon
C5
TxDataMod
00
TxSymFreq
05
TxSym0H
68
TxSym0L
41
TxSym1H
01
TxSym1L
A1
Table 273. EPC-V2 - 2/424 (Protocol Number 14)
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
147 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com