Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 151 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 151 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 147Page - NXP Semiconductors CLRC663 Datasheet HTML 148Page - NXP Semiconductors CLRC663 Datasheet HTML 149Page - NXP Semiconductors CLRC663 Datasheet HTML 150Page - NXP Semiconductors CLRC663 Datasheet HTML 151Page - NXP Semiconductors CLRC663 Datasheet HTML 152Page - NXP Semiconductors CLRC663 Datasheet HTML 153Page - NXP Semiconductors CLRC663 Datasheet HTML 154Page - NXP Semiconductors CLRC663 Datasheet HTML 155Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Value for register
Value (hex)
TxSym2
00
TxSym3
00
TxSym10Len
00
TxSym32Len
00
TxSym10BurstCtrl
00
TxSym10Mod
00
TxSym32Mod
50
RxBitMod
02
RxEofSym
00
RxSyncValH
00
RxSyncValL
01
RxSyncMod
00
RxMod
08
RxCorr
80
FabCal
F0
Table 277. Jewel, (Protocol Number 18)...continued
19.2 CLRC66303 EEPROM configuration
The CLRC66303 user EEPROM had been initalized with useful values for configuration of the chip using a
typical 65x65mm antenna. These values stored in EEPROM can be used to configure the CLRC66303 with the
command LoadReg.Typically, some of this entries will be required to be modified compared to the preset values
to achieve the best RF performance for a specific antenna.
The registers 0x28...0x39 are relevant for configuration of the Antenna. For each supported protocol, a
dedicated preset configuration is available. To ensure compatibility between products of the CLRC663 family,
all products of the family use the same default settings which are initialized in EEPROM, even if some of this
protocols are not supported by the product family member and cannot be used.
Alternatively, the registers can be initialized by individual register write commands.
Value for register
EEPROM address (hex)
Value (hex)
DrvMode
C0
8E
TxAmp
C1
12
DrvCon
C2
39
TxI
C3
0A
TXCrcPreset
C4
18
RXCrcPreset
C5
18
TxDataNum
C6
0F
TxModWidth
C7
21
TxSym10BurstLen
C8
00
TxWaitCtrl
C9
C0
Table 278. ISO/IEC14443-A 106 / MIFARE Classic
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
151 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com