Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 154 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 154 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 150Page - NXP Semiconductors CLRC663 Datasheet HTML 151Page - NXP Semiconductors CLRC663 Datasheet HTML 152Page - NXP Semiconductors CLRC663 Datasheet HTML 153Page - NXP Semiconductors CLRC663 Datasheet HTML 154Page - NXP Semiconductors CLRC663 Datasheet HTML 155Page - NXP Semiconductors CLRC663 Datasheet HTML 156Page - NXP Semiconductors CLRC663 Datasheet HTML 157Page - NXP Semiconductors CLRC663 Datasheet HTML 158Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Value for register
EEPROM address (hex)
Value (hex)
DrvMode
0114
8F
TxAmp
0115
0E
DrvCon
0116
09
TxI
0117
0A
TXCrcPreset
0118
7B
RXCrcPreset
0119
7B
TxDataNum
011A
08
TxModWidth
011B
00
TxSym10BurstLen
011C
00
TxWaitCtrl
011D
01
TxWaitLo
011E
00
TxFrameCon
011F
05
RxSofD
0120
00
RxCtrl
0121
34
RxWait
0122
90
RxThreshold
0123
6F
Rcv
0124
12
RxAna
0125
03
Table 282. ISO/IEC14443-B 106
Value for register
EEPROM address (hex)
Value (hex)
DrvMode
0128
8F
TxAmp
0129
0E
DrvCon
012A
09
TxI
012B
0A
TXCrcPreset
012C
7B
RXCrcPreset
012D
7B
TxDataNum
012E
08
TxModWidth
012F
00
TxSym10BurstLen
0130
00
TxWaitCtrl
0131
01
TxWaitLo
0132
00
TxFrameCon
0133
05
RxSofD
0134
00
RxCtrl
0135
35
RxWait
0136
90
Table 283. ISO/IEC14443-B 212
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
154 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com