Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 153 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 153 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 149Page - NXP Semiconductors CLRC663 Datasheet HTML 150Page - NXP Semiconductors CLRC663 Datasheet HTML 151Page - NXP Semiconductors CLRC663 Datasheet HTML 152Page - NXP Semiconductors CLRC663 Datasheet HTML 153Page - NXP Semiconductors CLRC663 Datasheet HTML 154Page - NXP Semiconductors CLRC663 Datasheet HTML 155Page - NXP Semiconductors CLRC663 Datasheet HTML 156Page - NXP Semiconductors CLRC663 Datasheet HTML 157Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Value for register
EEPROM address (hex)
Value (hex)
TxI
EB
0F
TXCrcPreset
EC
18
RXCrcPreset
ED
18
TxDataNum
EE
0F
TxModWidth
EF
07
TxSym10BurstLen
F0
00
TxWaitCtrl
F1
C0
TxWaitLo
F2
12
TxFrameCon
F3
CF
RxSofD
F4
00
RxCtrl
F5
06
RxWait
F6
90
RxThreshold
F7
2B
Rcv
F8
12
RxAna
F9
0B
Table 280. ISO/IEC14443-A 424/ MIFARE Classic...continued
Value for register
EEPROM address (hex)
Value (hex)
DrvMode
0100
8F
TxAmp
0101
DB
DrvCon
0102
21
TxI
0103
0F
TXCrcPreset
0104
18
RXCrcPreset
0105
18
TxDataNum
0106
0F
TxModWidth
0107
02
TxSym10BurstLen
0108
00
TxWaitCtrl
0109
C0
TxWaitLo
010A
12
TxFrameCon
010B
CF
RxSofD
010C
00
RxCtrl
010D
07
RxWait
010E
90
RxThreshold
010F
3A
Rcv
0110
12
RxAna
0111
0B
Table 281. ISO/IEC14443-A 848/ MIFARE Classic
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
153 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com