Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 155 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 155 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 151Page - NXP Semiconductors CLRC663 Datasheet HTML 152Page - NXP Semiconductors CLRC663 Datasheet HTML 153Page - NXP Semiconductors CLRC663 Datasheet HTML 154Page - NXP Semiconductors CLRC663 Datasheet HTML 155Page - NXP Semiconductors CLRC663 Datasheet HTML 156Page - NXP Semiconductors CLRC663 Datasheet HTML 157Page - NXP Semiconductors CLRC663 Datasheet HTML 158Page - NXP Semiconductors CLRC663 Datasheet HTML 159Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Value for register
EEPROM address (hex)
Value (hex)
RxThreshold
0137
3F
Rcv
0138
12
RxAna
0139
03
Table 283. ISO/IEC14443-B 212...continued
Value for register
EEPROM address (hex)
Value (hex)
DrvMode
0140
8F
TxAmp
0141
0F
DrvCon
0142
09
TxI
0143
0A
TXCrcPreset
0144
7B
RXCrcPreset
0145
7B
TxDataNum
0146
08
TxModWidth
0147
00
TxSym10BurstLen
0148
00
TxWaitCtrl
0149
01
TxWaitLo
014A
00
TxFrameCon
014B
05
RxSofD
014C
00
RxCtrl
014D
36
RxWait
014E
90
RxThreshold
014F
3F
Rcv
0150
12
RxAna
0151
03
Table 284. ISO/IEC14443-B 424
Value for register
EEPROM address (hex)
Value (hex)
DrvMode
0154
8F
TxAmp
0155
10
DrvCon
0156
09
TxI
0157
0A
TXCrcPreset
0158
7B
RXCrcPreset
0159
7B
TxDataNum
015A
08
TxModWidth
015B
00
Table 285. ISO/IEC14443-B 848
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
155 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com