Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 158 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 158 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 154Page - NXP Semiconductors CLRC663 Datasheet HTML 155Page - NXP Semiconductors CLRC663 Datasheet HTML 156Page - NXP Semiconductors CLRC663 Datasheet HTML 157Page - NXP Semiconductors CLRC663 Datasheet HTML 158Page - NXP Semiconductors CLRC663 Datasheet HTML 159Page - NXP Semiconductors CLRC663 Datasheet HTML 160Page - NXP Semiconductors CLRC663 Datasheet HTML 161Page - NXP Semiconductors CLRC663 Datasheet HTML 162Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Value for register
EEPROM address (hex)
Value (hex)
Rcv
01A4
12
RxAna
01A5
07
Table 288. ISO/IEC15693 SLI 1/4 - SSC- 26...continued
Value for register
EEPROM address (hex)
Value (hex)
DrvMode
01A8
89
TxAmp
01A9
10
DrvCon
01AA
09
TxI
01AB
0A
TXCrcPreset
01AC
7B
RXCrcPreset
01AD
7B
TxDataNum
01AE
08
TxModWidth
016F
00
TxSym10BurstLen
01B0
00
TxWaitCtrl
01B1
88
TxWaitLo
01B2
A9
TxFrameCon
01B3
0F
RxSofD
01B4
00
RxCtrl
01B5
03
RxWait
01B6
9C
RxThreshold
01B7
74
Rcv
01B8
12
RxAna
01B9
03
Table 289. ISO/IEC15693 SLI 1/4 - SSC-53
Value for register
EEPROM address (hex)
Value (hex)
DrvMode
01C0
8E
TxAmp
01C1
10
DrvCon
01C2
01
TxI
01C3
06
TXCrcPreset
01C4
7B
RXCrcPreset
01C5
7B
TxDataNum
01C6
08
TxModWidth
01C7
00
TxSym10BurstLen
01C8
00
Table 290. ISO/IEC15693 SLI 1/256 - DSC
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
158 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com