Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 162 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 162 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 158Page - NXP Semiconductors CLRC663 Datasheet HTML 159Page - NXP Semiconductors CLRC663 Datasheet HTML 160Page - NXP Semiconductors CLRC663 Datasheet HTML 161Page - NXP Semiconductors CLRC663 Datasheet HTML 162Page - NXP Semiconductors CLRC663 Datasheet HTML 163Page - NXP Semiconductors CLRC663 Datasheet HTML 164Page - NXP Semiconductors CLRC663 Datasheet HTML 165Page - NXP Semiconductors CLRC663 Datasheet HTML 166Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Value for register
EEPROM address (hex)
Value (hex)
TxWaitLo
0232
12
TxFrameCon
0233
01
RxSofD
0234
00
RxCtrl
0235
05
RxWait
0236
A0
RxThreshold
0237
26
Rcv
0238
12
RxAna
0239
0E
Table 295. EPC-V2 - 4/848...continued
Value for register
EEPROM address (hex)
Value (hex)
DrvMode
0240
8E
TxAmp
0241
15
DrvCon
0242
11
TxI
0243
06
TXCrcPreset
0244
18
RXCrcPreset
0245
18
TxDataNum
0246
0F
TxModWidth
0247
20
TxSym10BurstLen
0248
00
TxWaitCtrl
0249
40
TxWaitLo
024A
09
TxFrameCon
024B
4F
RxSofD
024C
00
RxCtrl
024D
04
RxWait
024E
8F
RxThreshold
024F
32
Rcv
0250
12
RxAna
0251
0A
Table 296. Jewel
Value for register
EEPROM address (hex)
Value (hex)
DrvMode
0254
8F
TxAmp
0255
0E
DrvCon
0256
09
Table 297. ISO/IEC14443 - B 106 EMVCo Optimized
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
162 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com