Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 160 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 160 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 156Page - NXP Semiconductors CLRC663 Datasheet HTML 157Page - NXP Semiconductors CLRC663 Datasheet HTML 158Page - NXP Semiconductors CLRC663 Datasheet HTML 159Page - NXP Semiconductors CLRC663 Datasheet HTML 160Page - NXP Semiconductors CLRC663 Datasheet HTML 161Page - NXP Semiconductors CLRC663 Datasheet HTML 162Page - NXP Semiconductors CLRC663 Datasheet HTML 163Page - NXP Semiconductors CLRC663 Datasheet HTML 164Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Value for register
EEPROM address (hex)
Value (hex)
DrvCon
01EA
09
TxI
01EB
0A
TXCrcPreset
01EC
11
RXCrcPreset
01ED
91
TxDataNum
01EE
09
TxModWidth
01EF
00
TxSym10BurstLen
01F0
00
TxWaitCtrl
01F1
80
TxWaitLo
01F2
12
TxFrameCon
01F3
01
RxSofD
01F4
00
RxCtrl
01F5
03
RxWait
01F6
A0
RxThreshold
01F7
56
Rcv
01F8
12
RxAna
01F9
0F
Table 292. EPC-V2 - 2/424...continued
Value for register
EEPROM address (hex)
Value (hex)
DrvMode
0200
8F
TxAmp
0201
10
DrvCon
0202
09
TxI
0203
0A
TXCrcPreset
0204
11
RXCrcPreset
0205
91
TxDataNum
0206
09
TxModWidth
0207
00
TxSym10BurstLen
0208
00
TxWaitCtrl
0209
80
TxWaitLo
020A
12
TxFrameCon
020B
01
RxSofD
020C
00
RxCtrl
020D
03
RxWait
020E
A0
RxThreshold
020F
56
Rcv
0210
12
Table 293. EPC-V2 - 4/424
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
160 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com