Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 161 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 161 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 157Page - NXP Semiconductors CLRC663 Datasheet HTML 158Page - NXP Semiconductors CLRC663 Datasheet HTML 159Page - NXP Semiconductors CLRC663 Datasheet HTML 160Page - NXP Semiconductors CLRC663 Datasheet HTML 161Page - NXP Semiconductors CLRC663 Datasheet HTML 162Page - NXP Semiconductors CLRC663 Datasheet HTML 163Page - NXP Semiconductors CLRC663 Datasheet HTML 164Page - NXP Semiconductors CLRC663 Datasheet HTML 165Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Value for register
EEPROM address (hex)
Value (hex)
RxAna
0211
0F
Table 293. EPC-V2 - 4/424...continued
Value for register
EEPROM address (hex)
Value (hex)
DrvMode
0214
8F
TxAmp
0215
D0
DrvCon
0216
01
TxI
0217
0A
TXCrcPreset
0218
11
RXCrcPreset
0219
91
TxDataNum
021A
09
TxModWidth
021B
00
TxSym10BurstLen
021C
00
TxWaitCtrl
021D
80
TxWaitLo
021E
12
TxFrameCon
021F
01
RxSofD
0220
00
RxCtrl
0221
05
RxWait
0222
A0
RxThreshold
0223
26
Rcv
0224
12
RxAna
0225
0E
Table 294. EPC-V2 - 2/848
Value for register
EEPROM address (hex)
Value (hex)
DrvMode
0228
8F
TxAmp
0229
D0
DrvCon
022A
01
TxI
022B
0A
TXCrcPreset
022C
11
RXCrcPreset
022D
91
TxDataNum
022E
09
TxModWidth
022F
00
TxSym10BurstLen
0230
00
TxWaitCtrl
0231
80
Table 295. EPC-V2 - 4/848
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
161 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com