Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 157 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 157 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 153Page - NXP Semiconductors CLRC663 Datasheet HTML 154Page - NXP Semiconductors CLRC663 Datasheet HTML 155Page - NXP Semiconductors CLRC663 Datasheet HTML 156Page - NXP Semiconductors CLRC663 Datasheet HTML 157Page - NXP Semiconductors CLRC663 Datasheet HTML 158Page - NXP Semiconductors CLRC663 Datasheet HTML 159Page - NXP Semiconductors CLRC663 Datasheet HTML 160Page - NXP Semiconductors CLRC663 Datasheet HTML 161Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Value for register
EEPROM address (hex)
Value (hex)
TxAmp
0181
17
DrvCon
0182
01
TxI
0183
06
TXCrcPreset
0184
09
RXCrcPreset
0185
09
TxDataNum
0186
08
TxModWidth
0187
00
TxSym10BurstLen
0188
03
TxWaitCtrl
0189
80
TxWaitLo
018A
12
TxFrameCon
018B
01
RxSofD
018C
00
RxCtrl
018D
06
RxWait
018E
86
RxThreshold
018F
3F
Rcv
0190
12
RxAna
0191
02
Table 287. JIS X 6319-4 (FeliCa) 424...continued
Value for register
EEPROM address (hex)
Value (hex)
DrvMode
0194
89
TxAmp
0195
10
DrvCon
0196
09
TxI
0197
0A
TXCrcPreset
0198
7B
RXCrcPreset
0199
7B
TxDataNum
019A
08
TxModWidth
019B
00
TxSym10BurstLen
019C
00
TxWaitCtrl
019D
88
TxWaitLo
019E
A9
TxFrameCon
019F
0F
RxSofD
01A0
00
RxCtrl
01A1
02
RxWait
01A2
9C
RxThreshold
01A3
74
Table 288. ISO/IEC15693 SLI 1/4 - SSC- 26
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
157 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com