Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 156 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 156 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 152Page - NXP Semiconductors CLRC663 Datasheet HTML 153Page - NXP Semiconductors CLRC663 Datasheet HTML 154Page - NXP Semiconductors CLRC663 Datasheet HTML 155Page - NXP Semiconductors CLRC663 Datasheet HTML 156Page - NXP Semiconductors CLRC663 Datasheet HTML 157Page - NXP Semiconductors CLRC663 Datasheet HTML 158Page - NXP Semiconductors CLRC663 Datasheet HTML 159Page - NXP Semiconductors CLRC663 Datasheet HTML 160Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Value for register
EEPROM address (hex)
Value (hex)
TxSym10BurstLen
015C
00
TxWaitCtrl
015D
01
TxWaitLo
015E
00
TxFrameCon
015F
05
RxSofD
0160
00
RxCtrl
0161
37
RxWait
0162
90
RxThreshold
0163
3F
Rcv
0164
12
RxAna
0165
03
Table 285. ISO/IEC14443-B 848...continued
Value for register
EEPROM address (hex)
Value (hex)
DrvMode
0168
8F
TxAmp
0169
17
DrvCon
016A
01
TxI
016B
06
TXCrcPreset
016C
09
RXCrcPreset
016D
09
TxDataNum
016E
08
TxModWidth
016F
00
TxSym10BurstLen
0170
03
TxWaitCtrl
0171
80
TxWaitLo
0172
12
TxFrameCon
0173
01
RxSofD
0174
00
RxCtrl
0175
05
RxWait
0176
86
RxThreshold
0177
3F
Rcv
0178
12
RxAna
0179
02
Table 286. JIS X 6319-4 (FeliCa) 212
Value for register
EEPROM address (hex)
Value (hex)
DrvMode
0180
8F
Table 287. JIS X 6319-4 (FeliCa) 424
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
156 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com