Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 152 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 152 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 148Page - NXP Semiconductors CLRC663 Datasheet HTML 149Page - NXP Semiconductors CLRC663 Datasheet HTML 150Page - NXP Semiconductors CLRC663 Datasheet HTML 151Page - NXP Semiconductors CLRC663 Datasheet HTML 152Page - NXP Semiconductors CLRC663 Datasheet HTML 153Page - NXP Semiconductors CLRC663 Datasheet HTML 154Page - NXP Semiconductors CLRC663 Datasheet HTML 155Page - NXP Semiconductors CLRC663 Datasheet HTML 156Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Value for register
EEPROM address (hex)
Value (hex)
TxWaitLo
CA
12
TxFrameCon
CB
CF
RxSofD
CC
00
RxCtrl
CD
04
RxWait
CE
90
RxThreshold
CF
5C
Rcv
D0
12
RxAna
D1
0A
Table 278. ISO/IEC14443-A 106 / MIFARE Classic...continued
Value for register
EEPROM address (hex)
Value (hex)
DrvMode
D4
8E
TxAmp
D5
D2
DrvCon
D6
11
TxI
D7
0A
TXCrcPreset
D8
18
RXCrcPreset
D9
18
TxDataNum
DA
0F
TxModWidth
DB
10
TxSym10BurstLen
DC
00
TxWaitCtrl
DD
C0
TxWaitLo
DE
12
TxFrameCon
DF
CF
RxSofD
E0
00
RxCtrl
E1
05
RxWait
E2
90
RxThreshold
E3
3C
Rcv
E4
12
RxAna
E5
0B
Table 279. ISO/IEC14443-A 212/ MIFARE Classic
Value for register
EEPROM address (hex)
Value (hex)
DrvMode
E8
8F
TxAmp
E9
DE
DrvCon
EA
11
Table 280. ISO/IEC14443-A 424/ MIFARE Classic
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
152 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com