Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 167 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 167 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 163Page - NXP Semiconductors CLRC663 Datasheet HTML 164Page - NXP Semiconductors CLRC663 Datasheet HTML 165Page - NXP Semiconductors CLRC663 Datasheet HTML 166Page - NXP Semiconductors CLRC663 Datasheet HTML 167Page - NXP Semiconductors CLRC663 Datasheet HTML 168Page - NXP Semiconductors CLRC663 Datasheet HTML 169Page - NXP Semiconductors CLRC663 Datasheet HTML 170Page - NXP Semiconductors CLRC663 Datasheet HTML 171Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
22 Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
CLRC663 v.5.3
20240103
Product data sheet
CLRC663 v.5.2
Modifications:
• Section 5 "Ordering information": updated
• Table 250 "Operating conditions CLRC66301, CLRC66302" and Table 251 "Operating
conditions CLRC66303": Added the note "A PVDD voltage higher than 5.0 V might lead to an
increased current consumption during Power-down mode."
CLRC663 v.5.2
20210702
Product data sheet
-
CLRC663 v.5.1
Modifications:
• Table 250 "Operating conditions CLRC66301, CLRC66302": operating ambient temperatures
corrected
CLRC663 v.5.1
20210112
Product data sheet
-
CLRC663 v.5.0
Modifications:
• Table 3 "Ordering information ": type number CLRC66302HN, 151 added
• Table 35 "EEPROM memory organization": corrected Section 4: 112 to 127
• Section 8.10.3.10 "WriteE2PAGE command": corrected into Parameter2..65
• Table 49 "Behavior of register bits and their designation": description of RFU updated
• Table 150 "TxSym10BurstLen bits": updated
• Table 180 "Setting for the output divider ratio PLLDiv_Out [7:0]": value 255 added
• Table 200 "SigOut bits": description of Bit 3 to 0 updated
CLRC663 v.5.0
20201127
Product data sheet
-
CLRC663 v.4.9
Modifications:
• Section 5 "Ordering information": MSL corrected
• Table 29 "Boundary scan path of the CLRC663": Cell BC_4 corrected
CLRC663 v.4.9
20200701
Product data sheet
-
CLRC663 v.4.8
CLRC663 v.4.8
20191028
Product data sheet
-
CLRC663 v.4.7
CLRC663 v.4.7
20180912
Product data sheet
-
CLRC663 v.4.6
CLRC663 v.4.6
20180516
Product data sheet
-
CLRC663 v.4.5
CLRC663 v.4.5
20171219
Product data sheet
-
CLRC663 v.4.4
CLRC663 v.4.4
20170502
Product data sheet
-
CLRC663 v.4.3
CLRC663 v.4.3
20170220
Product data sheet
-
CLRC663 v.4.2
CLRC663 v.4.2
20160427
Product data sheet
-
CLRC663 v.4.1
CLRC663 v.4.1
20160211
Product data sheet
-
CLRC663 v.4.0
CLRC663 v.4.0
20151029
Product data sheet
-
CLRC663 v.3.9
CLRC663 v.3.9
20150722
Product data sheet
-
CLRC663 v.3.8
CLRC663 v.3.7
20140206
Product data sheet
-
CLRC663 v.3.7
CLRC663 v.3.7
20140204
Product data sheet
-
CLRC663 v.3.6
CLRC663 v.3.6
20130910
Product data sheet
-
CLRC663 v.3.5
CLRC663 v.3.5
20120905
Product data sheet
-
CLRC663 v.3.4
CLRC663 v.3.4
20120717
Product data sheet
-
CLRC663 v.3.3
CLRC663 v.3.3
20120402
Product data sheet
-
CLRC663 v.3.2
CLRC663 v.3.2
20120202
Product data sheet
-
CLRC663 v.3.1
CLRC663 v.3.1
20110926
Product data sheet
-
CLRC663 v.3.0
Table 299. Revision history
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
167 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com