Electronic Components Datasheet Search
  English  ▼

X  

FS4500 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # FS4500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS4500 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button FS4500 Datasheet HTML 12Page - NXP Semiconductors FS4500 Datasheet HTML 13Page - NXP Semiconductors FS4500 Datasheet HTML 14Page - NXP Semiconductors FS4500 Datasheet HTML 15Page - NXP Semiconductors FS4500 Datasheet HTML 16Page - NXP Semiconductors FS4500 Datasheet HTML 17Page - NXP Semiconductors FS4500 Datasheet HTML 18Page - NXP Semiconductors FS4500 Datasheet HTML 19Page - NXP Semiconductors FS4500 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
TA = –40 °C to 125 °C, unless otherwise specified. VSUP = VSUP_UV_L to 36 V, unless otherwise specified. All voltages referenced to ground.
When 28 V < VSUP < 36 V, thermal dissipation must be considered (see Figure 32).
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
ICCA_OUT
VCCA output current (external PNP)
—
—
300
mA
ICCA_LIM_INT
VCCA output current limitation (int. MOSFET)
100
—
675
mA
ICCA_LIM_OUT
VCCA output current limitation (external PNP)
300
—
675
mA
ICCA_LIM_FB
VCCA output current limitation foldback
60
—
240
mA
VCCA_LIM_FB
VCCA output voltage foldback threshold
0.6
—
1.2
V
VCCA_LIM_HYST
VCCA output voltage foldback hysteresis
0.03
—
0.3
V
ICCA_BASE_SC
ICCA_BASE_SK
VCCA base current capability
—
20
–20
65
–30
—
mA
TWARN_CCA
VCCA thermal warning threshold (int. MOSFET only)
—
125
—
°C
TSDCCA
VCCA thermal shutdown threshold (int. MOSFET only)
160
—
—
°C
TSDCCA_HYST
VCCA thermal shutdown hysteresis
—
10
—
°C
[5]
LORVCCA
VCCA static load regulation
• ICCA = 10 mA to 100 mA (internal MOSFET)
• ICCA = 10 mA to 300 mA (external ballast)
 
—
 
15
 
—
 
mV
[5]
LORTVCCA
VCCA transient load regulation
• ICCA = 10 mA to 100 mA (internal MOSFET)
• ICCA = 10 mA to 300 mA (external ballast)
 
—
 
—
 
1.0
 
%
[5]
RPD_CCA
VCCA internal pull-down resistor (active when VCCA is disabled)
50
—
170
Ω
VAUX voltage regulator
VAUX_5
VAUX output voltage (5.0 V configuration)
4.85
5.0
5.15
V
VAUX_33
VAUX output voltage (3.3 V configuration)
3.2
3.3
3.4
V
VAUX_TRK
VAUX tracking error (VAUX_5 and VAUX_33)
–15
—
+15
mV
IAUX_OUT
VAUX output current
—
—
400
mA
IAUX_LIM
VAUX output current limitation
400
—
800
mA
IAUX_LIM_FB
VAUX output current limitation foldback
60
—
240
mA
VAUX_LIM_FB
VAUX output voltage foldback threshold
0.6
—
1.2
V
VAUX_LIM_HYST
VAUX output voltage foldback hysteresis
0.03
—
0.3
V
IAUX_BASE_SC
IAUX_BASE_SK
VAUX base current capability
—
7.0
–15
30
–7.0
—
mA
TSDAUX
VAUX thermal shutdown threshold
160
—
—
°C
TSDAUX_HYST
VAUX thermal shutdown hysteresis
—
10
—
°C
[5]
LORVAUX
VAUX static load regulation (IAUX_OUT = 10 mA to 400 mA)
—
15
—
mV
[5]
LORTVAUX
VAUX transient load regulation
• IAUX_OUT = 10 mA to 400 mA
—
—
1.0
%
[5]
RPD_AUX
VAUX internal pull-down resistor (active when VAUX is disabled)
50
—
170
Ω
CAN_5V voltage regulator
VCAN
VCAN output voltage
VSUP > 6.0 V in buck mode
VSUP > VSUP_UV_L in boost mode
4.8
5.0
5.2
V
ICAN_OUT
VCAN output current
—
—
100
mA
ICAN_LIM
VCAN output current limitation
100
—
250
mA
Table 5. Static electrical characteristics ...continued
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
16 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com