Electronic Components Datasheet Search
  English  ▼

X  

FS4500 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # FS4500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS4500 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button FS4500 Datasheet HTML 18Page - NXP Semiconductors FS4500 Datasheet HTML 19Page - NXP Semiconductors FS4500 Datasheet HTML 20Page - NXP Semiconductors FS4500 Datasheet HTML 21Page - NXP Semiconductors FS4500 Datasheet HTML 22Page - NXP Semiconductors FS4500 Datasheet HTML 23Page - NXP Semiconductors FS4500 Datasheet HTML 24Page - NXP Semiconductors FS4500 Datasheet HTML 25Page - NXP Semiconductors FS4500 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
TA = –40 °C to 125 °C, unless otherwise specified. VSUP = VSUP_UV_L to 36 V, unless otherwise specified. All voltages referenced to ground.
When 28 V < VSUP < 36 V, thermal dissipation must be considered (see Figure 32).
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
VHYST
VHYST = VTH_REC – VTH_DOM
—
—
0.175
× VSUP
V
IBUS_NO_GND
Ground disconnection. GND = VSUP, 0 V < VBUS < 18 V, VBAT =
12 V. Loss of local GND does not affect communication in the
remaining network
–1.0
—
1.0
mA
[16]
IBUS_NO_BAT
VBAT disconnection. VSUP = GND, 0 V < VBUS < 18 V. Node
sustains the current which can flow under this condition. BUS
remains operational.
—
—
30
µA
LINTSD
LIN thermal shutdown
150
175
—
°C
[5]
LINTSD_HYST
LIN thermal shutdown hysteresis
20
°C
CLIN
LIN internal capacitor
—
—
10
pF
[5]
Table 5. Static electrical characteristics ...continued
[1]
Long duration timer and VKAM disable.
[2]
VSUP_UV_L_B = VPRE_UV_4P3 + RDSON_PRE × IPRE.
[3]
VSUP min to guarantee VKAM and main logic supply in LPOFF.
[4]
Guaranteed by characterization.
[5]
Guaranteed by design.
[6]
External PNP gain within 150 to 450.
[7]
Valid for VSUP3 ≥ IO_5.
[8]
If a higher resistor value than recommended is used, the accuracy degrades.
[9]
Wide range accuracy for input voltage from 9.0 V to 19 V.
[10] Guaranteed by design and characterization.
[11] VBAT is the voltage at the input of the control unit.
[12] Current flowing inside the pin. A transceiver must be capable to sink at least 40 mA.
[13] VBAT: voltage across the battery connectors of the vehicle. VGND_ECU: voltage on the local ECU ground connector with respect to battery ground of the
vehicle (VGND_BATTERY).
[14] This constraint refers to duty cycle D1 and D2 only.
[15] VTH_DOM: receiver threshold of the recessive to dominant LIN bus edge. VTH_REC receiver threshold of the dominant to recessive LIN bus edge.
[16] VSUP is the voltage at the input of the device (different from VBAT when a reverse current protection diode is implemented.
10 Dynamic electrical characteristics
TA = –40 °C to 125 °C, unless otherwise specified. VSUP = VSUP_UV_L to 36 V, unless otherwise specified. All voltages referenced to ground.
When 28 V < VSUP < 36 V, thermal dissipation must be considered (see Figure 32).
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
Digital interface timing
fSPI
SPI operation frequency (50 % DC)
0.5
—
8.0
MHz
tMISO_TRANS
MISO transition speed, 20 – 80 %
• VDDIO = 5.0 V, CLOAD = 50 pF
• VDDIO = 5.0 V, CLOAD = 150 pF
 
5.0
5.0
 
—
—
 
30
50
 
ns
tCLH
Minimum time SCLK = HIGH
62
—
—
ns
tCLL
Minimum time SCLK = LOW
62
—
—
ns
tPCLD
Propagation delay (SCLK to data at 10 % of MISO rising edge)
—
—
30
ns
tCSDV
NCS = low to data at MISO active
—
—
75
ns
tSCLCH
SCLK low before NCS low (setup time SCLK to NCS change H/
L)
75
—
—
ns
tHCLCL
SCLK change L/H after NCS = low
75
—
—
ns
tSCLD
SDI input setup time (SCLK change H/L after MOSI data valid)
40
—
—
ns
tHCLD
SDI input hold time (MOSI data hold after SCLK change H/L)
40
—
—
ns
Table 6. Dynamic electrical characteristics
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
22 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com