Electronic Components Datasheet Search
  English  ▼

X  

FS4500 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # FS4500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS4500 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button FS4500 Datasheet HTML 39Page - NXP Semiconductors FS4500 Datasheet HTML 40Page - NXP Semiconductors FS4500 Datasheet HTML 41Page - NXP Semiconductors FS4500 Datasheet HTML 42Page - NXP Semiconductors FS4500 Datasheet HTML 43Page - NXP Semiconductors FS4500 Datasheet HTML 44Page - NXP Semiconductors FS4500 Datasheet HTML 45Page - NXP Semiconductors FS4500 Datasheet HTML 46Page - NXP Semiconductors FS4500 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
• The new WD window duration (except after disable) is taken into account when a write in the WD_ANSWER
register occurs (good or bad WD answer) or when the previous WD window is finished without any writing
(WD timeout).
• The new WD window duration after disable is taken into account when the SPI command is validated.
The duty cycle of the window is set to 50 % ±10 % and is not modifiable.
FS CLK
accuracy
window period
CLOSED
OPEN
refresh
slot
CLOSED
OPEN
refresh
slot
FS CLK
accuracy
aaa-037748
Figure 19. Windowed watchdog with FS clock accuracy
12.5.2.3 Watchdog in debug mode
When the device is in debug mode (entered via the DEBUG pin), the watchdog continues to operate, but does
not affect the device operation by asserting a reset of the fail-safe pins. For the user, operation appears without
the watchdog. If needed and to debug the watchdog itself, the user can operate as in normal mode and check
LFSR values, the watchdog refresh counter, the watchdog error counter, and the reset counter. This allows the
user to debug their software and ensure a good watchdog strategy in the application.
12.5.2.4 Wrong watchdog refresh handling
Error counters and strategy are implemented in the device to manage wrong watchdog refreshes from the MCU.
According to consecutive numbers of wrong watchdog refreshes, the device can decide to assert the RSTB
and/or FS0B pin, depending on the safety configuration set during the INIT_FS phase (WD_IMPACT bit in
INIT_SF_IMPACT register, Table 86).
12.5.2.5 Watchdog error counter
The watchdog error counter is implemented in the device to filter the incorrect watchdog refresh. Each time a
watchdog failure occurs, the device increments this counter by 2. The WD error counter is decremented by 1
each time the watchdog is properly refreshed. This principle ensures a cyclic ’OK/NOK’ behavior converges to
a failure detection. To allow flexibility in the application, the maximum value of this counter is configurable in the
INIT_WD_CNT register, but only when device is in INIT_FS mode.
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
43 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com