Electronic Components Datasheet Search
  English  ▼

X  

FS4500 Datasheet(PDF) 87 Page - NXP Semiconductors

Part # FS4500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS4500 Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button FS4500 Datasheet HTML 83Page - NXP Semiconductors FS4500 Datasheet HTML 84Page - NXP Semiconductors FS4500 Datasheet HTML 85Page - NXP Semiconductors FS4500 Datasheet HTML 86Page - NXP Semiconductors FS4500 Datasheet HTML 87Page - NXP Semiconductors FS4500 Datasheet HTML 88Page - NXP Semiconductors FS4500 Datasheet HTML 89Page - NXP Semiconductors FS4500 Datasheet HTML 90Page - NXP Semiconductors FS4500 Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
Address
Register
FS/M
A4
A3
A2
A1
A0
Hex
Write description
Table ref.
DIAG_CAN_LIN
0
1
0
0
1
0
#18(12h)
Read only
Table 54
DIAG_SPI
0
1
0
0
1
1
#19(13h)
Read only
Table 56
NOT USED
0
1
0
1
0
0
#20(14h)
N/A
N/A
MODE
0
1
0
1
0
1
#21(15h)
Write during normal and read
Table 58
REG_MODE
0
1
0
1
1
0
#22(16h)
Write during normal and read
Table 60
IO_OUT_AMUX
0
1
0
1
1
1
#23(17h)
Write during normal and read
Table 62
CAN_LIN_MODE
0
1
1
0
0
0
#24(18h)
Write during normal and read
Table 64
NOT USED
0
1
1
0
0
1
#25(19h)
N/A
N/A
LDT_AFTER_RUN_1
0
1
1
0
1
0
#26(1Ah)
Write during normal and read
Table 66
LDT_AFTER_RUN_2
0
1
1
0
1
1
#27(1Bh)
Write during normal and read
Table 68
LDT_WAKE_UP_1
0
1
1
1
0
0
#28(1Ch)
Write during normal and read
Table 70
LDT_WAKE_UP_2
0
1
1
1
0
1
#29(1Dh)
Write during normal and read
Table 72
LDT_WAKE_UP_3
0
1
1
1
1
0
#30(1Eh)
Write during normal and read
Table 74
Table 19. Register mapping of main logic ...continued
13.2.5 Fail-safe logic register address table
Table 20 is a list of device registers and addresses coded in bits 13 to 9 in MOSI for fail-safe logic
Address
Register
FS/M A4
A3
A2
A1
A0
Hex
Write description
Table ref.
INIT_FS1B_TIMING
1
0
0
0
0
1
#33(21h)
Write during INIT phase then read only
Table 76
BIST
1
0
0
0
1
0
#34(22h)
Write (No restriction) and read
Table 78
INIT_SUPERVISOR
1
0
0
0
1
1
#35(23h)
Write during INIT phase then read only
Table 80
INIT_FAULT
1
0
0
1
0
0
#36(24h)
Write during INIT phase then read only
Table 82
INIT_FSSM
1
0
0
1
0
1
#37(25h)
Write during INIT phase then read only
Table 84
INIT_SF_IMPACT
1
0
0
1
1
0
#38(26h)
Write during INIT phase then read only
Table 86
WD_WINDOW
1
0
0
1
1
1
#39(27h)
Write (no restriction) and read
Table 88
WD_LFSR
1
0
1
0
0
0
#40(28h)
Write (no restriction) and read
Table 90
WD_ANSWER
1
0
1
0
0
1
#41(29h)
Write (no restriction) and read
Table 92
RELEASE_FSxB
1
0
1
0
1
0
#42(2Ah)
Write (no restriction) and read
Table 94
SF_OUTPUT_REQUEST
1
0
1
0
1
1
#43(2Bh)
Write (no restriction) and read
Table 96
INIT_WD_CNT
1
0
1
1
0
0
#44(2Ch)
Write during INIT phase then read only
Table 98
DIAG_SF_IOs
1
0
1
1
0
1
#45(2Dh)
Read only
Table 100
WD_COUNTER
1
0
1
1
1
0
#46(2Eh)
Read only
Table 102
DIAG_SF_ERR
1
0
1
1
1
1
#47(2Fh)
Read only
Table 104
NOT USED
1
1
0
0
0
0
#48(30h)
N/A
N/A
INIT_VCORE_OVUV_IMPACT
1
1
0
0
0
1
#49(31h)
Write during INIT phase then read only
Table 106
INIT_VCCA_OVUV_IMPACT
1
1
0
0
1
0
#50(32h)
Write during INIT phase then read only
Table 108
INIT_VAUX_OVUV_IMPACT
1
1
0
0
1
1
#51(33h)
Write during INIT phase then read only
Table 110
DEVICE_ID_FS
1
1
0
1
0
0
#52(34h)
Read only
Table 112
Table 20. Register mapping of fail-safe logic
13.2.6 Secured SPI command
Some SPI commands must be secured to avoid unwanted change of the critical bits. The secured bits in the
fail-safe machine and the main state machine are calculated from the data bits sent as follows:
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
87 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com