Electronic Components Datasheet Search
  English  ▼

X  

FS4500 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # FS4500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS4500 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button FS4500 Datasheet HTML 26Page - NXP Semiconductors FS4500 Datasheet HTML 27Page - NXP Semiconductors FS4500 Datasheet HTML 28Page - NXP Semiconductors FS4500 Datasheet HTML 29Page - NXP Semiconductors FS4500 Datasheet HTML 30Page - NXP Semiconductors FS4500 Datasheet HTML 31Page - NXP Semiconductors FS4500 Datasheet HTML 32Page - NXP Semiconductors FS4500 Datasheet HTML 33Page - NXP Semiconductors FS4500 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
When TXD is low, the CANH and CANL drivers are activated and the bus is set to a dominant state. TXD has a
built-in timing protection disabling the bus when TXD is dominant for more than tDOUT. In LPOFF mode, VDDIO
is off, pulling this pin to GND.
11.11.2 RXD
RXD is the bus output level report pin. In the application, this pin is connected to the microcontroller receive pin.
In normal mode, RXD is a push-pull structure. When the bus is in a recessive state, RXD is high. When the bus
is dominant, RXD is low. In LPOFF mode, this pin is in the high-impedance state.
11.11.3 CANH and CANL
These are the CAN-bus pins. CANL is a low-side driver to GND, and CANH is a high-side driver to CAN_5V.
In normal mode and TXD high, the CANH and CANL drivers are off, and the voltage at CANH and CANL is
approximately 2.5 V, provided by the internal bus biasing circuitry. When TXD is low, CANL is pulled to GND
and CANH to CAN_5V, creating a differential voltage on the CAN-bus.
In LPOFF mode, the CANH and CANL drivers are off, and these pins are pulled to GND via the device RIN_CHCL
resistors. CANH and CANL have integrated ESD protection and extremely high robustness versus external
disturbance, such as EMC and electrical transients. These pins have current limitation and thermal protection.
11.12 LIN, TXDL, RXDL
These are the pins of the LIN physical interface. The LIN transceivers provides the physical interface between
the MCU and the physical single wire LIN bus. The LIN interface is connected to the MCU via the RXDL and
TXDL pins.
11.12.1 TXDL
The TXDL input pin is the MCU interface to control the state of the LIN output. TXDL is a digital input with an
internal pull-up resistor connected to VDDIO. In the application, this pin is connected to the microcontroller
transmit pin.
In normal mode, when TXDL is high or floating, the LIN output transistor is OFF, setting the bus in recessive
state. When TXDL is low, the LIN output transistor is on and the bus is set to a dominant state. TXDL has a
built-in timing protection disabling the bus when TXDL is dominant for more than TXD_DOM. In LPOFF mode,
VDDIO is off, pulling this pin to GND.
11.12.2 RXDL
RXDL is the bus output level report pin. In the application, this pin is connected to the microcontroller receive
pin. In normal mode, RXD is a push-pull structure. When the bus is in a recessive state, RXD is high. When the
bus is dominant, RXD is low. In LPOFF mode, this pin is in the high-impedance state.
11.12.3 LIN
This is the LIN bus pin. The LIN driver is a low-side MOSFET with internal overcurrent thermal shutdown. An
internal pull-up resistor with a serial diode structure is integrated so no external pull-up components are required
for the application in a responder node. An additional pull-up resistor of 1.0 kΩ must be added when the device
is used in the commander node. In normal mode and TXDL high, the LIN transistor is off, and the voltage at LIN
is approximately VSUP3, provided by the pull-up resistor with a serial diode structure. When TXD is low, LIN is
pulled to GND.
The device has two selectable baud rates: 20 kbit/s for normal baud rate and 10 kbit/s for slow baud rate.
An additional fast baud rate (100 kbit/s) is implemented. It can be used to flash the MCU or in the garage for
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
30 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com