Electronic Components Datasheet Search
  English  ▼

X  

FS4500 Datasheet(PDF) 59 Page - NXP Semiconductors

Part # FS4500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS4500 Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button FS4500 Datasheet HTML 55Page - NXP Semiconductors FS4500 Datasheet HTML 56Page - NXP Semiconductors FS4500 Datasheet HTML 57Page - NXP Semiconductors FS4500 Datasheet HTML 58Page - NXP Semiconductors FS4500 Datasheet HTML 59Page - NXP Semiconductors FS4500 Datasheet HTML 60Page - NXP Semiconductors FS4500 Datasheet HTML 61Page - NXP Semiconductors FS4500 Datasheet HTML 62Page - NXP Semiconductors FS4500 Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
IPRE_OC
IPRE_LIM
IPRE_SW
SW_PRE
TPRE_BLK_ILIM
TPRE_OC
VPRE
aaa-037771
Figure 42. Overcurrent and current limitation scheme
12.7.1.6 VPRE voltage monitoring
The overvoltage detection switches off the regulator. The undervoltage detector is disabled when the regulator
is switched off, reporting an undervoltage. Diagnostic is reported in the dedicated register and generates
an Interrupt. The undervoltage detection does not switch off the regulator. However, VPRE decrease may
induce an undervoltage on a regulator attached to VPRE (VCORE, VCCA, VAUX, or CAN_5V), and bring the
application in fail-safe state depending on the supervisor configuration (registers INIT_VCORE_OVUV_IMPACT,
INIT_VCCA_OVUV_IMPACT, INIT_VAUX_OVUV_IMPACT).
12.7.1.7 VPRE efficiency
VPRE efficiency versus current load is given for information based on typical external component criteria
described in Figure 43, close to the graph and at typical automotive VSUP voltage(14 V). The efficiency is valid
in buck mode only and above a 200 mA load on VPRE, to be in continuous mode on the 22 µH inductor. The
efficiency is calculated and has to be verified by measurement at the application level.
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
59 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com