Electronic Components Datasheet Search
  English  ▼

X  

FS4500 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # FS4500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS4500 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button FS4500 Datasheet HTML 51Page - NXP Semiconductors FS4500 Datasheet HTML 52Page - NXP Semiconductors FS4500 Datasheet HTML 53Page - NXP Semiconductors FS4500 Datasheet HTML 54Page - NXP Semiconductors FS4500 Datasheet HTML 55Page - NXP Semiconductors FS4500 Datasheet HTML 56Page - NXP Semiconductors FS4500 Datasheet HTML 57Page - NXP Semiconductors FS4500 Datasheet HTML 58Page - NXP Semiconductors FS4500 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
• When VSUP > VSUP_UV_7, the converter works in buck mode and the VPRE output is regulated at 6.5 V typ.
• When VSUP < VSUP_UV_7, the converter works in boost mode and the VPRE output is regulated at 6.3 V typ.
aaa-037764
25
0
7.5
12
18
24
33
50
66
D buck
D boost
VPRE (V)
D (%)
VIN (V)
6.5
100
Figure 35. Transition between buck and boost
12.7.1.1 Power up and power down sequence
aaa-037765
Vbattery
VSUP_UV_5
VSNS_UV
VSUP_UV_L_B
VCORE_FB_UV * (R3+R4)/R4)
Buck
Buck
Buck
Vsup
0V
Vpre_EN
Vpre
Vcore
INTB
RSTB
Buck_Boost Mask
Figure 36. Buck configuration power up and power down
 
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
55 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com