Electronic Components Datasheet Search
  English  ▼

X  

FS4500 Datasheet(PDF) 56 Page - NXP Semiconductors

Part # FS4500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS4500 Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button FS4500 Datasheet HTML 52Page - NXP Semiconductors FS4500 Datasheet HTML 53Page - NXP Semiconductors FS4500 Datasheet HTML 54Page - NXP Semiconductors FS4500 Datasheet HTML 55Page - NXP Semiconductors FS4500 Datasheet HTML 56Page - NXP Semiconductors FS4500 Datasheet HTML 57Page - NXP Semiconductors FS4500 Datasheet HTML 58Page - NXP Semiconductors FS4500 Datasheet HTML 59Page - NXP Semiconductors FS4500 Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
Buck
Buck
Boost
Boost
Boost
aaa-037766
Vbattery
VSUP_UV_5
VSUP_UV_7
VSUP_UV_L
VCORE_FB_UV * ((R3+R4)/R4)
Vsup
0V
Vpre_EN
Vpre
Vcore
INTB
RSTB
Buck_Boost Mask
Figure 37. Buck boost configuration power up and power down
12.7.1.2 Cranking management
When VPRE is set up to work in buck only mode, the application can work down to VSUP = VSUP_UV_L_B = 4.5 V
with a minimum of 500 mA current guaranteed on VPRE..
aaa-037767
VSNS_UV
VSENSE
VSUP
VSUP_UV_L_B
VCORE_FB_UV *
((R3+R4)/R4)
Buck
VPRE_EN
VPRE
VCORE
INTB
RSTB
Buck_Boost
Mask
Figure 38. Behavior during cranking (buck configuration)
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
56 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com