Electronic Components Datasheet Search
  English  ▼

X  

FS4500 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # FS4500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS4500 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button FS4500 Datasheet HTML 23Page - NXP Semiconductors FS4500 Datasheet HTML 24Page - NXP Semiconductors FS4500 Datasheet HTML 25Page - NXP Semiconductors FS4500 Datasheet HTML 26Page - NXP Semiconductors FS4500 Datasheet HTML 27Page - NXP Semiconductors FS4500 Datasheet HTML 28Page - NXP Semiconductors FS4500 Datasheet HTML 29Page - NXP Semiconductors FS4500 Datasheet HTML 30Page - NXP Semiconductors FS4500 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
aaa-037739
NCS
3.5 µs min
500 ns min
Any Fail-safe
register access
Any Fail-safe
register access
Any main
register access
Figure 10. Register access restriction
11 Functional pin description
11.1 Introduction
The FS6500/FS4500 is the fourth generation of the system basis chip, combining:
• High efficiency switching voltage regulator for MCU, and linear voltage regulators for integrated CAN FD and
LIN interfaces.
• External ICs such as sensors, accurate reference voltage for A to D converters, and keep alive memory
supply in low-power mode for MCU static RAM.
• Built-in CAN flexible data interface at 2.0 Mbit/s (ISO 11898-2(12) and -5(13)), and LIN interface (LIN up to Rev.
2.2(22), (23)/SAEJ2602-2(24)), with local and bus failure diagnostic, protection, and fail-safe operation mode.
• Low-power mode, with ultra low-current consumption.
• Various wake-up capabilities.
• Long duration timer available in normal and low-power mode.
• Enhanced safety features with multiple fail-safe outputs and a scheme to support ASIL D applications.
11.2 Power supplies (VSUP1, VSUP2, VSUP3)
VSUP1 and VSUP2 are the input pins for the internal supply dedicated to the SMPS regulators. VSUP3 is the
input pin for internal voltage reference. VSUP1, 2, and 3 are robust against ISO 7637(14) pulses. VSUP1, 2, and
3 must be connected to the same supply (Figure 73).
11.3 VSENSE input (VSENSE)
This pin must be connected to the battery line (before the reverse battery protection diode), via a serial resistor.
It incorporates a threshold detector to sense the battery voltage, and provide a battery early warning. It also
includes a resistor divider to measure VSENSE voltage via the MUX-OUT pin. The VSENSE pin is robust
against ISO 7637(14) pulses.
11.4 Pre-regulator (VPRE)
A highly flexible SMPS pre-regulator is implemented in the FS6500/FS4500. It can be configured as a ’non-
inverting buck-boost converter’ (Figure 34) or ’standard buck converter’ (Figure 33), depending on the external
configuration (connection of pin GATE_LS). The configuration is detected automatically during start-up
sequence.
The SMPS pre-regulator is working in current mode control and the compensation network is fully integrated
in the device. The high-side switching MOSFET is also integrated to make the current control easier. The pre-
regulator delivers a typical output voltage of 6.5 V, which is used internally. Current limitation, overcurrent,
overvoltage, and undervoltage detectors are provided. VPRE is enabled by default.
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
27 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com