Electronic Components Datasheet Search
  English  ▼

X  

FS4500 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # FS4500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS4500 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button FS4500 Datasheet HTML 15Page - NXP Semiconductors FS4500 Datasheet HTML 16Page - NXP Semiconductors FS4500 Datasheet HTML 17Page - NXP Semiconductors FS4500 Datasheet HTML 18Page - NXP Semiconductors FS4500 Datasheet HTML 19Page - NXP Semiconductors FS4500 Datasheet HTML 20Page - NXP Semiconductors FS4500 Datasheet HTML 21Page - NXP Semiconductors FS4500 Datasheet HTML 22Page - NXP Semiconductors FS4500 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
TA = –40 °C to 125 °C, unless otherwise specified. VSUP = VSUP_UV_L to 36 V, unless otherwise specified. All voltages referenced to ground.
When 28 V < VSUP < 36 V, thermal dissipation must be considered (see Figure 32).
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
Analog input - multi-purpose IOs
VIO_ANA_WD
Measurable input voltage (wide range)
3.0
—
19
V
VIO_ANA_TG
Measurable input voltage (tight range)
3.0
—
9.0
V
IIO_IN_ANA
Input current for IO_0 and IO_5
–5.0
—
100
µA
[7]
Output gate driver (IO_4)
VIO4_OH
High output level at IIO4_OUT = –2.0 mA
VPRE – 1.5
—
VPRE
V
VIO4_OL
Low output level at IIO4_OUT = +2.0 mA
0.0
—
1.0
V
VIO4_OUT_SK
VIO4_OUT_SC
Output current capability
2.0
—
—
—
—
–2.0
mA
Analog multiplexer
VAMUX_ACC
Voltage sense accuracy (VSNS, IO_0, IO_5) using 5.1 kΩ
resistor
–5.0
—
5.0
%
[8]
VAMUX_WD_5
Divider ratio (wide input voltage range) at VDDIO = 5.0 V
—
5.0
—
[9]
VAMUX_WD_3P3
Divider ratio (wide input voltage range) at VDDIO = 3.3 V
—
7.0
—
20[9]
VAMUX_TG_5
Divider ratio (tight input voltage range) at VDDIO = 5.0 V
—
2.0
—
VAMUX_TG_3P3
Divider ratio (tight input voltage range) at VDDIO = 3.3 V
—
3.0
—
VAMUX_REF1
Internal voltage Reference with 6.0 V < VSUP < 19 V
2.475
2.5
2.525
V
VAMUX_REF2
Internal voltage reference with VSUP ≤ 6.0 V, or VSUP ≥ 19 V
2.468
2.5
2.532
V
VAMUX_TP_CO
Internal temperature sensor coefficient
—
9.9
—
mV/°C
[5]
VAMUX_TP
Temperature sensor MUX_OUT output voltage (at TJ = 165 °C)
2.08
2.15
2.22
V
Interrupt
VINTB_OL
Low output level (IINT = 2.5 mA)
—
—
0.5
V
RPU_INT
Internal pull-up resistor (connected to VDDIO)
—
10
—
KΩ
IINT_LK
Input leakage current
—
—
1.0
µA
Digital interface
MISOH
High output level on MISO (IMISO = 1.5 mA)
VDDIO
– 0.4
—
—
V
MISOL
Low output level on MISO (IMISO = 2.0 mA)
—
—
0.4
V
IMISO
Tri-state leakage current (VDDIO = 5.0 V)
–5.0
—
5.0
µA
VDDIO
Supply voltage for MISO output buffer
3.0
—
5.5
V
IVDDIO
Current consumption on VDDIO
—
1.0
3.0
mA
SPILK
SCLK, NCS, MOSI input current
–1.0
—
1.0
µA
VSPI_IH
SCLK, NCS, MOSI high input threshold
2.0
—
—
V
VSPI_IL
SCLK, NCS, MOSI low input threshold
—
—
0.8
V
RSPI
NCS, MOSI internal pull-up (pull-up to VDDIO)
200
400
800
KΩ
Debug
VDEBUG_IL
Low input voltage threshold
2.1
2.35
2.8
V
VDEBUG_IH
High input voltage threshold
4.35
4.6
4.97
V
IDEBUG_LK
Input leakage current
–10
—
10
µA
Table 5. Static electrical characteristics ...continued
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
19 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com