Electronic Components Datasheet Search
  English  ▼

X  

FS4500 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # FS4500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS4500 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button FS4500 Datasheet HTML 48Page - NXP Semiconductors FS4500 Datasheet HTML 49Page - NXP Semiconductors FS4500 Datasheet HTML 50Page - NXP Semiconductors FS4500 Datasheet HTML 51Page - NXP Semiconductors FS4500 Datasheet HTML 52Page - NXP Semiconductors FS4500 Datasheet HTML 53Page - NXP Semiconductors FS4500 Datasheet HTML 54Page - NXP Semiconductors FS4500 Datasheet HTML 55Page - NXP Semiconductors FS4500 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
FS0B
Device and ECU is safe state
FS1B
tDURATION
FS1B automatic release
after tDURATION
FS0B release
by the SPI
FS1B asserted after tDURATION
aaa-037760
Failure detected
Figure 31. tDURATION operation
12.5.7 Fail-safe outputs (FS0B and FS1B) release
When the fail-safe outputs FS0B and consequently FS1B are asserted low by the device due to a fault, some
conditions must be validated before allowing these pins to be released by the device. These conditions are:
• ABIST2_FS1B_OK=1 if part number with FS1B
• ABIST2_VAUX_OK=1 except if VAUX_FS_OV_1:0=VAUX_FS_UV_1:0="00"
• Fault is removed
• Fault error counter must be at ’0’
• Close the S1 switch if FS1B backup delay was engaged (FS1B_DLY_DRV bit = 1)
• RELEASE_FSxB register must be filled with the right value
12.5.7.1 RELEASE_FSxB register
When a fault is removed and the fault error counter changes back to level ’0’, a right word must be filled in the
RELEASE_FSxB register. The value depends on the current WD_LFSR. LSB, MSB must be swapped, and a
negative operation per bit must be applied.
FS0B and FS1B can be released independently or at the same time, depending on the configuration of the first
three bits of the RELEASE_FSxB register (Table 12).The RELEASE_FSxB write command should be done after
a WD_LFSR read command. If FS0B and FS1B are released sequentially, the procedure must be done a first
time for FS0B, and a second time for FS1B.
WD_LFSR_7:0
b7
b6
b5
b4
b3
b2
b1
b0
Release FS0B
RELEASE_FSxB_7:0
0
1
1
b0
b1
b2
b3
b4
Release FS1B
RELEASE_FSxB_7:0
1
1
0
b3
b4
b5
b6
b7
Release FS0B and FS1B
RELEASE_FSxB_7:0
1
0
1
b0
b1
b2
b6
b7
Table 12. RELEASE_FSxB register based on LFSR value
12.5.8 SPI DED
Some SPI registers affect some safety critical aspects of the fail-safe functions, and therefore are required to
be protected against SEU (single event upset). Only fail-safe registers are concerned. During INIT_FS mode,
access to fail-safe registers for product configuration is open. Once the INIT_FS phase is over, the Hamming
circuitry is activated to protect registers content.
At this stage, if there is one single bit flip, the detection is made due to Hamming code, the error is corrected
automatically (fully transparent for the user), and a flag is sent. If there are two errors (DED - dual error
detection), the detection is made due to Hamming code but detected errors cannot be corrected. The flag is
sent and FS0B is activated.
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
52 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com