Electronic Components Datasheet Search
  English  ▼

X  

FS4500 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # FS4500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS4500 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button FS4500 Datasheet HTML 32Page - NXP Semiconductors FS4500 Datasheet HTML 33Page - NXP Semiconductors FS4500 Datasheet HTML 34Page - NXP Semiconductors FS4500 Datasheet HTML 35Page - NXP Semiconductors FS4500 Datasheet HTML 36Page - NXP Semiconductors FS4500 Datasheet HTML 37Page - NXP Semiconductors FS4500 Datasheet HTML 38Page - NXP Semiconductors FS4500 Datasheet HTML 39Page - NXP Semiconductors FS4500 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
12.1.7.1 LPOFF - sleep
Entering in low-power mode LPOFF - sleep is only available if the product is in normal mode by sending a
secured SPI command. In this mode, all the regulators are turned off and the MCU connected to the VCORE
regulator is unsupplied. Only VKAM is available if VKAM is used (specific part number for VKAM on by default).
Once the FS6500/FS4500 is in LPOFF - sleep, the device monitors external events to wake-up and leave the
low-power mode. The wake-up events can occur and depending on the device configuration from:
• Physical layer (CAN or LIN)
• I/O inputs
• Timer
When a wake-up event is detected, the device starts the main state machine again by detecting the VPRE
configuration (buck or buck-boost), the wake-up source is reported to the dedicated SPI register, and the fail-
safe state machine is also restarted.
12.1.7.2 LPOFF - auto WU
LPOFF - auto WU is entered when the device is in the INIT or normal mode and if the VPRE voltage level is
passing the VPRE_UV_4P3 threshold (typ 4.3 V). It can be also entered by sending a secured SPI command if the
product is in normal mode. It allows a POR and complete restart of the fail-safe state machine. After 1.0 ms, the
device attempts to recover by switching on VPRE again.
12.1.7.3 LPOFF - deep FS
LPOFF - deep FS is entered when the device is in deep fail-safe and if the key is off (IO_0 is low). To exit this
mode, a transition to high level on IO_0 is required. IO_0 is usually connected to the key on key off signal (see
Section 12.3).
12.1.7.4 Register configuration in LPOFF
In LPOFF, the register settings of the main state machine are kept because the internal 2.5 V main digital
regulator is available for wake-up operation. However, the register settings of the fail-safe state machine are
erased because the 2.5 V fail-safe digital regulator is not available in LPOFF. As a consequence, after a wake-
up event, the configuration of the fail-safe registers must be done again during initialization phase (256 ms open
window).
12.1.7.5 ISO pulse in LPOFF
If the application has to sustain ISO pulses on VBAT in LPOFF mode, the connection of an external Zener diode
and a serial resistor to the ground is mandatory (see Figure 15). During repetitive ISO pulses on VBAT, the
capacitors connected on VSUP line are more and more charged and cannot be discharged due to the extremely
low-current needed to maintain wake-up capabilities on IOs, CAN, and LIN. As a consequence, if a leakage
path is not created artificially with those discrete components, the voltage on VSUP line can exceed the absolute
maximum rating supported by this pin.
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
36 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com