Electronic Components Datasheet Search
  English  ▼

X  

FS4500 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # FS4500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS4500 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button FS4500 Datasheet HTML 29Page - NXP Semiconductors FS4500 Datasheet HTML 30Page - NXP Semiconductors FS4500 Datasheet HTML 31Page - NXP Semiconductors FS4500 Datasheet HTML 32Page - NXP Semiconductors FS4500 Datasheet HTML 33Page - NXP Semiconductors FS4500 Datasheet HTML 34Page - NXP Semiconductors FS4500 Datasheet HTML 35Page - NXP Semiconductors FS4500 Datasheet HTML 36Page - NXP Semiconductors FS4500 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
aaa-037743
Internal IO_4
signal latched
Error signal (IO_4 input)
Acknowledgment counter
Acknowledgement signal
from MCU (IO_5 input)
Filter time
Reset
counter
Restart Acknowledgment
counter
FS0B
RSTB
The error is acknowledged
by the MCU then, internal
IO_4 signal is released
The error is NOT acknowledged
by the MCU. FS0B is activated
at the end of the counter.
Figure 14. External error signal handling
11.15 SAFE output pins (FS0B, FS1B, RSTB)
11.15.1 FS0B pin
FS0B pin is the primary safe output pin. FS0B is asserted low when a fault event occurs (see Section 12.5.5).
The objective of this pin is to drive an electrical safe circuitry independent from MCU to deactivate the whole
system and set the ECU in a protected and known state.
After each power-on reset or after each wake-up event (LPOFF), the FS0B pin is asserted low. The MCU can
decide to release the FS0B pin, when the application is ready to start. An external pull-up circuitry is mandatory
connected to VDDIO or VSUP3.
• If the pull-up is connected to VDDIO, the value recommended is 5.0 kΩ, there is no current in LPOFF since
VDDIO is off in LPOFF mode.
• If the pull-up is connected to VSUP3, the value must be above 10 kΩ, there is a current in the pull-up resistor
to consider at application level in LPOFF mode.
11.15.2 FS1B pin
FS1B pin is the secondary safe output pin. FS1B is asserted low with a configurable delay (tDELAY) or duration
(tDUR) when FS0B is asserted low (see Section 12.5.6). This pin can be used to:
• Open the phases of a motor after a configurable delay starting when FS0B is asserted, to demagnetize the
motor coils and reduce the inductive effect when the switch is open.
• Disable an external physical layer during a configurable duration starting when FS0B is asserted, to avoid
miscommunication when the module is in fail mode.
• Be a redundant safe output pin to FS0B when tDELAY = 0. In this case, FS1B is asserted at the same time than
FS0B.
• Any other use case where a second safety pin is needed.
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
33 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com