Electronic Components Datasheet Search
  English  ▼

X  

FS4500 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # FS4500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS4500 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button FS4500 Datasheet HTML 44Page - NXP Semiconductors FS4500 Datasheet HTML 45Page - NXP Semiconductors FS4500 Datasheet HTML 46Page - NXP Semiconductors FS4500 Datasheet HTML 47Page - NXP Semiconductors FS4500 Datasheet HTML 48Page - NXP Semiconductors FS4500 Datasheet HTML 49Page - NXP Semiconductors FS4500 Datasheet HTML 50Page - NXP Semiconductors FS4500 Datasheet HTML 51Page - NXP Semiconductors FS4500 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
aaa-037754
RSTB
FLT_ERR_CNT
DFS
Cold reset
(start-up)
# WD refresh counter max value +1
consecutive WD answers OK
FS_OUT
write OK
1
1
2
3
4
5
6
0
# 1
FS0B
RSTB
# 2
FS0B
WD error
counter
= 6
WD answer OK
WD error
counter
= 6
WD error
counter
= 6
WD error counter = 6
or
WD not OK INIT_FS
WD error counter = 6
or
WD not OK INIT_FS
WD error counter = 6
or
WD not OK INIT_FS
Figure 25. Example of RTSB and FS0B behavior when FLT_ERR_CNT ≥ intermediate value
12.5.3.2 Fault error counter at start-up or resuming from LPOFF mode
At start-up or when resuming from LPOFF mode, the fault error counter starts at level 1 and FS0B is asserted
low. To release FS0B, the fault error counter must go back to a ’0’ value due to several consecutive good
watchdog refreshes. The right command is sent to the RELEASE_FSxB register (Figure 27). With the default
watchdog refresh counter configuration (WD_RFR_CNT = 6), seven consecutive good watchdog refreshes
decrease the fault error counter to 0 (Figure 26).
RSTB
delay time
New fully OPEN
window of 256 ms
0
0
1
1
2
2
0
OK
1
1
3
4
4
5
6
6
OK
OK
OK
OK
OK
OK
OK
NOK
WD window
WD error
counter
Fault error
counter
RSTB
WD refresh
counter
aaa-037755
Figure 26. Example of WD operation leading a decrement of the fault error counter (WD_CNT_RFR = 6)
 
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
48 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com