Electronic Components Datasheet Search
  English  ▼

X  

FS4500 Datasheet(PDF) 61 Page - NXP Semiconductors

Part # FS4500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS4500 Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button FS4500 Datasheet HTML 57Page - NXP Semiconductors FS4500 Datasheet HTML 58Page - NXP Semiconductors FS4500 Datasheet HTML 59Page - NXP Semiconductors FS4500 Datasheet HTML 60Page - NXP Semiconductors FS4500 Datasheet HTML 61Page - NXP Semiconductors FS4500 Datasheet HTML 62Page - NXP Semiconductors FS4500 Datasheet HTML 63Page - NXP Semiconductors FS4500 Datasheet HTML 64Page - NXP Semiconductors FS4500 Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
FB_CORE
COMP_CORE
FCRBM
VCORE VOLTAGE
L_VCORE
CBOOT_CORE
D_VCORE
RSNUB_VCORE
CSNUB_VCORE
R1
R3b
R4b
R3
R2
GND
PGND
PGND
PGND PGND
GND
C2
R4
C1
aaa-037773
ESR CAP.
< 100 mΩ
Figure 44. VCORE buck regulator
12.7.2.2 Light load condition
To improve the converter efficiency and avoid any unwanted output voltage increase, the VCORE voltage
regulator operates in pulse skipping mode during light load conditions. The principle is the same as the VPRE
implementation described in detail in Section 12.7.1.3.
12.7.2.3 Current limitation
A current limitation is implemented to avoid uncontrolled power dissipation inside the device (duty cycle control)
and limits the current below ICORE_LIM. The current limitation is banked when the pass transistor is switched
on during tCORE_BLK_LIM to avoid parasite detection. When the ICORE_LIM threshold is reached, the high-side
integrated MOSFET is switched off. The MOSFET is not switched on again before the next rising edge of the
switching clock.
The current limitation induces a duty cycle reduction and leads to the VCORE output voltage to fall gradually
and may cause an undervoltage condition, bringing the device into a fail-safe state. The current limitation does
not switch off the regulator.
12.7.2.4 Voltage monitoring
The overvoltage detection switches off the regulator. The regulator remains on during an undervoltage
detection. Diagnostic is reported in the dedicated register, generates an interrupt, and may bring the application
into the fail-safe state, depending on the supervisor configuration (register INIT_VCORE_OVUV_IMPACT).
For safety purposes, the FCRBM pin monitors the external resistor bridge (R3/R4) used to set up the final
VCORE voltage through a second resistor bridge (R3b/R4b) to detect an external resistor drift or disconnection.
The monitoring compares the FB_CORE and FCRBM pins (Figure 45) and triggers when FB_CORE – FCRBM
> ±150 mV max.
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
61 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com