Electronic Components Datasheet Search
  English  ▼

X  

FS4500 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # FS4500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS4500 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button FS4500 Datasheet HTML 13Page - NXP Semiconductors FS4500 Datasheet HTML 14Page - NXP Semiconductors FS4500 Datasheet HTML 15Page - NXP Semiconductors FS4500 Datasheet HTML 16Page - NXP Semiconductors FS4500 Datasheet HTML 17Page - NXP Semiconductors FS4500 Datasheet HTML 18Page - NXP Semiconductors FS4500 Datasheet HTML 19Page - NXP Semiconductors FS4500 Datasheet HTML 20Page - NXP Semiconductors FS4500 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
TA = –40 °C to 125 °C, unless otherwise specified. VSUP = VSUP_UV_L to 36 V, unless otherwise specified. All voltages referenced to ground.
When 28 V < VSUP < 36 V, thermal dissipation must be considered (see Figure 32).
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
TSDCAN
VCAN thermal shutdown threshold
160
—
—
°C
TSDCAN_HYST
VCAN thermal shutdown hysteresis
—
10
—
°C
[5]
VCAN_UV
VCAN undervoltage detection threshold
4.25
—
4.8
V
VCAN_UV_HYST
VCAN undervoltage hysteresis
0.07
—
0.22
V
VCAN_OV
VCAN overvoltage detection threshold (rising)
5.2
—
5.85
V
VCAN_OV_HYST
VCAN overvoltage hysteresis
0.07
—
0.22
V
LORVCAN
VCAN transient load regulation
• ICAN_OUT = 0 mA to 50 mA
—
100
—
mV
[5]
VKAM voltage regulator
VKAM
VKAM output voltage
3.0
3.5
4.0
V
IKAM_OUT
VKAM output current
—
—
3.0
mA
IKAM_LIM
VKAM output current limitation
4.0
—
10.0
mA
ISUP_KAM
VKAM current consumption from VSUP3
• IKAM_OUT = 0 mA
• IKAM_OUT < 1.0 mA
• 1.0 mA < IKAM_OUT < 3.0 mA
 
—
—
—
 
—
—
—
 
25
150
2.15
 
µA
µA
mA
Long duration timer
ILDT
Timer current consumption (from VSUP3)
—
5.0
10
µA
Fail-safe machine voltage supervisor
VPRE_OV
VPRE overvoltage detection threshold
7.2
—
8.0
V
VPRE_OV_HYST
VPRE overvoltage hysteresis
—
0.1
—
V
[5]
VCORE_FB_UV
VCORE FB undervoltage detection threshold
0.67
—
0.773
V
VCORE_FB_UV_D
VCORE FB undervoltage detection threshold - degraded mode
0.45
—
0.58
V
VCORE_FB_UV_
HYST
VCORE FB undervoltage hysteresis
10
—
27
mV
[5]
VCORE_FB_OV
VCORE FB overvoltage detection threshold
0.84
—
0.905
V
VCORE_FB_OV_
HYST
VCORE FB overvoltage hysteresis
10
—
30
mV
[5]
VCORE_FB_DRIFT VCORE_FB drift versus FCRBM
50
100
150
mV
VCCA_UV_5
VCCA undervoltage detection threshold (5.0 V configuration)
4.5
—
4.75
V
VCCA_UV_5D
VCCA undervoltage detection threshold (degraded 5.0 V)
3.0
—
3.2
V
VCCA_UV_33
VCCA undervoltage detection threshold (3.3 V configuration)
3.0
—
3.2
V
VCCA_OV_5
VCCA overvoltage detection threshold (5.0 V configuration)
5.25
—
5.5
V
VCCA_OV_33
VCCA overvoltage detection threshold (3.3 V configuration)
3.4
—
3.6
V
VCCA_5_HYST
VCCA undervoltage and overvoltage hysteresis (5.0 V
configuration)
—
0.105
—
V
[5]
VCCA_33_HYST
VCCA undervoltage and overvoltage hysteresis (3.3 V
configuration)
—
0.07
—
V
[5]
VAUX_UV_5
VAUX undervoltage detection threshold (5.0 V configuration)
4.5
—
4.75
V
VAUX_UV_5D
VAUX undervoltage detection threshold (degraded 5.0 V)
3.0
—
3.2
V
VAUX_UV_33
VAUX undervoltage detection threshold (3.3 V configuration)
3.0
—
3.2
V
Table 5. Static electrical characteristics ...continued
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
17 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com