Electronic Components Datasheet Search
  English  ▼

X  

FS4500 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # FS4500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS4500 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button FS4500 Datasheet HTML 27Page - NXP Semiconductors FS4500 Datasheet HTML 28Page - NXP Semiconductors FS4500 Datasheet HTML 29Page - NXP Semiconductors FS4500 Datasheet HTML 30Page - NXP Semiconductors FS4500 Datasheet HTML 31Page - NXP Semiconductors FS4500 Datasheet HTML 32Page - NXP Semiconductors FS4500 Datasheet HTML 33Page - NXP Semiconductors FS4500 Datasheet HTML 34Page - NXP Semiconductors FS4500 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
diagnostic. The LIN consortium specification does not specify electrical parameters for this baud rate. The
communication only must be guaranteed. In LPOFF mode, the LIN transistor is off, and this pin is pulled up to
VSUP3. LIN has integrated ESD protection and extremely high robustness versus external disturbance, such as
EMC and electrical transients.
11.13 Multiplexer output MUX_OUT
The MUX_OUT pin (Figure 12) delivers analog voltage to the MCU ADC input. The voltage to be delivered to
MUX_OUT is selected via the SPI, from one of the following parameters:
• VSENSE
• VIO_0
• VKAM
• Internal 2.5 V reference
• Internal die temperature sensor T(°C) = (VAMUX – VAMUX_TP)/VAMUX_TP_CO + 165
Voltage range at MUX_OUT is from GND to VDDIO (3.3 V or 5.0 V)
aaa-037741
VSENSE
IO_0
IO_5/VKAM
3.3 V
Ratio #1
3.3 V
Ratio #2
Same as VSENSE
Same as VSENSE
SPI selection
R1
R2
R5
R3
R4
SPI selection
5.0 V
Ratio #1
lnternal 2.5 V reference
lnternal temp sensor
5.0 V
Ratio #2
MUX_OUT
Figure 12. Simplified analog multiplexer block diagram
11.14 I/O pins (I/O_0:I/O_5)
The FS6500/FS4500 includes five multi-purpose I/Os (I/O_0 to I/O_5). I/O_0 and I/O_4 are load dump proof
and robust against ISO 7637(14) pulses. An external serial resistor must be connected to those pins to limit
the current during ISO pulses. I/O_2 and I/O_3 are not load dump proof. I/O_5 requires an external protection
(resistor and Zener diode) to be load dump proof and robust against ISO 7637(14) pulses.
I/O number Digital input wake-up
capability
Analog
input
Output gate
driver
VKAM
FCCU
monitoring
Ext. IC
monitoring
IO_0
X
X
IO_2
X
X
IO_3
X
X
IO_4
X
X
X
Table 8. I/Os configuration
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
31 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com