Electronic Components Datasheet Search
  English  ▼

X  

FS4500 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # FS4500
Description  Safety power system basis chip with CAN FD and LIN transceivers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS4500 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button FS4500 Datasheet HTML 10Page - NXP Semiconductors FS4500 Datasheet HTML 11Page - NXP Semiconductors FS4500 Datasheet HTML 12Page - NXP Semiconductors FS4500 Datasheet HTML 13Page - NXP Semiconductors FS4500 Datasheet HTML 14Page - NXP Semiconductors FS4500 Datasheet HTML 15Page - NXP Semiconductors FS4500 Datasheet HTML 16Page - NXP Semiconductors FS4500 Datasheet HTML 17Page - NXP Semiconductors FS4500 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 153 page
background image
NXP Semiconductors
FS6500-FS4500-ASILD
Safety power system basis chip with CAN FD and LIN transceivers
TA = –40 °C to 125 °C, unless otherwise specified. VSUP = VSUP_UV_L to 36 V, unless otherwise specified. All voltages referenced to ground.
When 28 V < VSUP < 36 V, thermal dissipation must be considered (see Figure 32).
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
VPRE voltage pre-regulator
VPRE output voltage
• Buck mode (VSUP > VSUP_UV_7)
6.25
—
6.75
• Buck mode (VSUP_UV_7 ≥ VSUP ≥ 4.5 V)
VPRE_
UV_4P3
VSUP –
RDS(on)_
PRE * IPRE
—
VPRE
• Boost mode (VSUP ≥ 2.7 V)
6.0
—
7.0
 
V
VPRE maximum output current capability
[4]
• Buck or boost with VSUP > VSUP_UV_7
2.0
—
—
• Buck with VSUP_UV_7 ≥ VSUP ≥ 4.5 V
0.5
2.0
—
• Boost with VSUP_UV_7 ≥ VSUP ≥ 6.0 V
2.0
—
—
• Boost with 6.0 V ≥ VSUP ≥ 4.0 V
1.0
—
—
IPRE
• Boost with 4.0 V ≥ VSUP ≥ 2.7 V
0.3
—
—
A
IPRE_LIM1
SW_PRE output current limitation in buck–boost mode (VSUP ≤
28 V)
3.5
—
—
A
IPRE_LIM2
SW_PRE output current limitation in buck mode (VSUP ≤ 28 V)
2.5
—
—
A
IPRE_OC
SW_PRE overcurrent detection threshold in buck mode (VSUP
≤ 28 V)
4.5
—
—
A
VPRE_UV
VPRE undervoltage detection threshold (falling)
5.5
—
6.0
V
VPRE_UV_HYST
VPRE undervoltage hysteresis
0.05
—
0.15
V
[5]
VPRE_UV_4P3
VPRE shut-off threshold (falling – buck and buck/boost)
4.1
—
4.5
V
VPRE_UV_4P3_
HYST
VPRE shut-off hysteresis
0.05
—
0.15
V
[5]
RDSON_PRE
VPRE pass transistor on resistance with VSUP ≤ 28 V
—
—
200
mΩ
LIR_VPRE
VPRE line regulation
—
20
—
mV
[5]
LORVPRE_BUCK
VPRE load regulation for COUT_VPRE = 57 µF
• IPRE from 50 mA to 2.0 A - buck mode
—
100
—
mV
[5]
LORVPRE_BOOST VPRE load regulation for COUT_VPRE = 57 µF
• IPRE from 50 mA to 2.0 A - boost mode
—
500
—
mV
[5]
VPRE_LL_H
VPRE_LL_L
VPRE pulse skipping thresholds
—
—
200
180
—
—
mV
TWARN_PRE
VPRE thermal warning threshold
—
125
—
°C
TSD_PRE
VPRE thermal shutdown threshold
160
—
—
°C
TSD_PRE_HYST
VPRE thermal shutdown hysteresis
—
10
—
°C
[5]
VG_LS_OH
LS gate driver high output voltage (IOUT = 50 mA)
VPRE – 1
—
VPRE
V
VG_LS_OL
LS gate driver low level (IOUT = 50 mA)
—
—
0.5
V
IG_LS
LS gate driver current capability
—
300
—
mA
RG_SHORT
GATE_LS pin short to GND resistance to detect buck mode
only
—
—
10
Ω
Table 5. Static electrical characteristics ...continued
FS6500-FS4500-ASILD
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 5 August 2024
Document feedback
14 / 153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com